Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD12 Datasheet(PDF) 3 Page - Protek Devices

Part # PSD12
Description  STANDARD CAPACITANCE TVS ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSD12 Datasheet(HTML) 3 Page - Protek Devices

  PSD12 Datasheet HTML 1Page - Protek Devices PSD12 Datasheet HTML 2Page - Protek Devices PSD12 Datasheet HTML 3Page - Protek Devices PSD12 Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
www.protekdevices.com
05118.R4 9/03
PSD03
thru
PSD24C
FIGURE 5
TYPICAL REVERSE VOLTAGE VS CAPACITANCE FOR PSD05
0
1
2
3
4
5
6
V
R - Reverse Voltage - Volts
0
100
200
300
400
FIGURE 2
PULSE WAVE FORM
FIGURE 1
PEAK PULSE POWER VS PULSE TIME
0.01
1
10
100
1,000
10,000
t
d - Pulse Duration - µs
0
5
10
15
20
25
30
t - Time - µs
0
20
40
60
80
100
120
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
Peak Value I
PP
e-t
t
d = t
I
PP/2
10
100
1,000
10,000
500W, 8/20µs Waveform
400W, 8/20µs Waveform
GRAPHS
FIGURE 4
OVERSHOOT & CLAMPING VOLTAGE FOR PSD03
ESD Test Pulse: 25 kilovolt, 1/30ns (waveform)
-5
5
15
25
35
0
25
50
75
100
125
150
T
L - Lead Temperature - °C
20
40
60
80
100
Peak Pulse Power
8/20µs
Average Power
FIGURE 3
POWER DERATING CURVE
0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com