Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C770 Datasheet(PDF) 2 Page - Microchip Technology

Part # PIC16C770
Description  C Silicon/Data Sheet Errata
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C770 Datasheet(HTML) 2 Page - Microchip Technology

  PIC16C770 Datasheet HTML 1Page - Microchip Technology PIC16C770 Datasheet HTML 2Page - Microchip Technology PIC16C770 Datasheet HTML 3Page - Microchip Technology PIC16C770 Datasheet HTML 4Page - Microchip Technology PIC16C770 Datasheet HTML 5Page - Microchip Technology PIC16C770 Datasheet HTML 6Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PIC16C717/770/771
DS80100C-page 2
© 2002 Microchip Technology Inc.
3.
Module: ECCP (Compare Mode)
The CCP1 output latch, observed on RB3/CCP1/
P1A, can change unexpectedly when the ECCP
module is changed from a set output on match
(CCP1CON<3:0> = “1000”) to clear output on
match (CCP1CON<3:0> = “1001”) or vice versa.
This condition will occur, following an ECCP
Reset, at the third iteration of the following
sequence:
1.
CCPR1<3:0> is changed from “1001” to
“1000” or vice versa.
2.
The TMR1H:TMR1L register pair matches
the CCP1R1H:CCPR1L register pair.
Step 1 of the third iteration will cause the CCP1
output latch to immediately, and erroneously,
change to the inverse of the CCPR1<0> bit. This
gives the appearance of an inverted ECCP
response to the third, and subsequent, compare
match events.
The apparent inverted response will persist until
the CCP1CON<3> bit is cleared (exiting Compare
mode). Interrupts always occur correctly on the
match condition. The error is only in the state of the
CCP1 output latch.
Work around
Option 1
Use the ECCP toggle output on compare match
mode (CCP1CON<3:0> = “0010”).
Option 2
Do not selectively change the CCP1CON<0> bit.
Instead, perform the following:
• Set the RB3 data latch to the same state as
the CCP1 output latch (movf PORTB, f) to
avoid an output glitch when the CCP1CON
register is cleared.
• Next, clear the CCP1CON register (clrf
CCP1CON).
• Finally, set the CCP1CON<3:0> bits to the
next desired output on Compare Match
mode.
TABLE 1:
DC SPECIFICATION DEVIATIONS FROM DATA SHEET
TABLE 2:
DC SPECIFICATION DEVIATIONS FROM DATA SHEET
Param
No.
Sym.
Characteristic
Tested Specification
Data Sheet
Specification
Units
Min
Typ
Max
Min
Typ
Max
D005
VBOR BOR Voltage
BORV<1:0> = 0100
2.35
—
2.80
2.5
—
2.66
V
BORV<1:0> = 0101
2.55
—
3.02
2.7
—
2.86
V
BORV<1:0> = 0110
3.95
—
4.71
4.2
—
4.46
V
BORV<1:0> = 0111
4.23
—
5.05
4.5
—
4.78
V
Param
No.
Sym.
Characteristic
Tested Specification
Data Sheet
Specification
Units
Min
Typ
Max
Min
Typ
Max
D420
VLVD LVD Voltage
LVV<3:0> = 0100
2.35
—
2.80
2.5
—
2.66
V
LVV<3:0> = 0101
2.55
—
3.02
2.7
—
2.86
V
LVV<3:0> = 0110
2.64
—
3.14
2.8
—
2.98
V
LVV<3:0> = 0111
2.83
—
3.37
3.0
—
3.2
V
LVV<3:0> = 1000
3.11
—
3.71
3.3
—
3.52
V
LVV<3:0> = 1001
3.29
—
3.93
3.5
—
3.72
V
LVV<3:0> = 1010
3.39
—
4.04
3.6
—
3.84
V
LVV<3:0> = 1011
3.58
—
4.26
3.8
—
4.04
V
LVV<3:0> = 1100
3.77
—
4.49
4.0
—
4.26
V
LVV<3:0> = 1101
3.95
—
4.71
4.2
—
4.46
V
LVV<3:0> = 1110
4.23
—
5.05
4.5
—
4.78
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com