Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74AVC16820AE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI74AVC16820AE
Description  2.5V 10-Bit Flip-Flop with Dual and 3-State Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74AVC16820AE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI74AVC16820AE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74AVC16820AE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74AVC16820AE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74AVC16820AE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74AVC16820AE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74AVC16820AE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74AVC16820AE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74AVC16820AE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74AVC16820AE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PI74AVC+16820
2.5V 10-Bit Flip-Flop
w/Dual and 3-State Outputs
2
PS8446E
06/01/06
Notes:
1. H = High Signal Level, L = Low Signal Level,
X = Irrelevant; Z = High Impedance, Qo = Output Level before the
indicated steady-state conditions were established.
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Supply voltage range, VCC......................................–0.5V to +4.6V
Input voltage range, VI .............................................–0.5V to +4.6V
Voltage range applied to any output in the
high-impedance or power-off state, VO(1)........–0.5V to +4.6V
Voltage range applied to any output in the
high or low state, VO(1,2)...........................–0.5V to VCC +0.5V
Input clamp current, IIK (VI <0)..................................... –50mA
Output clamp current, IOK (VO <0)................................ –50mA
Continuous output current, IO ........................................±50mA
Continuous current through each VCC or GND ...........±100mA
Package thermal impedance, θJA(3) ..............................64°C/W
Storage Temperature range, Tstg....................... –65°C to 150°C
Notes:
StressesgreaterthanthoselistedunderMAXIMUM RATINGS
maycausepermanentdamagetothedevice.Thisisastressrating
only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of
thisspecificationisnotimplied. Exposuretoabsolutemaximum
rating conditions for extended periods may affect reliability.
1. Input & output negative-voltage ratings may be exceeded if the input
and output curent rating are observed.
2. Output positive-voltage rating may be exceeded up to 4.6Vmaximum
if the output current rating is observed.
3. The package thermal impedance is calculated in accordance with
JESD 51.
Truth Table each Flip-Flop(1)
Inputs
Outputs
OEn
CLK
Dn
Qn
L
↑
H
H
L
↑
L
L
L
L
X
Qo
H
X
X
Z
Pin Description
Pin Name
Description
OE
Output Enable Input (Active LOW)
CLK
Clock Input (Active HIGH)
Qn
3-State Outputs
Dn
Data Inputs
GND
Ground
VCC
Power
06-0172



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com