Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMD1204PQB1-A..U.GN Datasheet(PDF) 2 Page - Sunon Fans

Part # PMD1204PQB1-A..U.GN
Description  Power Motor Fan
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNON [Sunon Fans]
Direct Link  https://www.sunon.com
Logo SUNON - Sunon Fans

PMD1204PQB1-A..U.GN Datasheet(HTML) 2 Page - Sunon Fans

  PMD1204PQB1-A..U.GN Datasheet HTML 1Page - Sunon Fans PMD1204PQB1-A..U.GN Datasheet HTML 2Page - Sunon Fans PMD1204PQB1-A..U.GN Datasheet HTML 3Page - Sunon Fans  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Fan 3rd Wire Signal
Safety
Certification
02
Fan with switching driving circuit designed for rpm
measurement:
These fan motors have three lead wires:
+:Red,
-:Black,
output signal for 3rd wire:
F Type : Yellow
R Type : White
The relationship between rotation & output
pulses signal from 3rd wire are as follows:
(a) 1 Rotation=2 Pulses(4 poles' motor)
(b) 1 Rotation=3 Pulses(6 poles' motor)
(c) 1 Rotation=4 Pulses(8 poles' motor)
Notice:
For 8 poles' motor: normally,
1Rotation=4 pulses, if frequency divided
circuit is implemented in this motor then
1Rotation=2 pulses.
R Type (Rotation Detector)
F Type (Frequency Generator)
DC FAN
Red(+)
3 rd wire
Black(-)
Customer's Circuit
Vcc
Ic
RL
Run
Locked
Vcc
1Pulse
1Rotation
Run
Locked
a
b
c
DC FAN
Red(+)
3 rd wire
Black(-)
Customer's Circuit
Vcc
Ic
RL



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com