Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFG-RS3 Datasheet(PDF) 2 Page - Omega Engineering, Inc.

Part # DFG-RS3
Description  ECONOMICAL FORCE OR TORQUE INDICATORS WITH REMOTE SENSORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

DFG-RS3 Datasheet(HTML) 2 Page - Omega Engineering, Inc.

  DFG-RS3 Datasheet HTML 1Page - Omega Engineering, Inc. DFG-RS3 Datasheet HTML 2Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
F-2
Comes complete with carrying case, universal voltage AC adaptor, quick start guide, users manual and certificate of conformance.
All RLC or RTQ sensors come with a NIST traceable calibration certificate. Hooks sold separately part # G1038.
* Remote sensors sold separately.
Ordering Examples: DFG-RS3, economical handheld force or torque indicator, plus RLC01-500, remote 500 pound “S” type load cell.
DFG-RS3, economical handheld force or torque indicator, plus RTQ50-12, ±12 lb in reaction torque sensor.
RLC01
RLC02
RLC03
RLC04
RTQ50
To Order
MODEL NO.
DESCRIPTION
DFG-RS3
Economical force or torque indicator for use with remote sensors*
DFG-RSA
User configurable remote sensor adaptor
*
To Order
MODEL NO.
CAPACITY
ACCURACY FULL SCALE
Series Tension/Compression Load Cells
RLC01-50
±50 lbs
±0.15%
RLC01-100
±100 lbs
±0.15%
RLC01-200
±200 lbs
±0.15%
RLC01-500
±500 lbs
±0.15%
RLC01-1K
±1000 lbs
±0.15%
RLC01-2K
±2000 lbs
±0.15%
RLC01-5K
±5000 lbs
±0.15%
RLC01-10K
±10,000 lbs
±0.15%
Series Compression Load Cells
RLC02-100
0 to 100 lbs
±0.5%
RLC02-200
0 to 200 lbs
±0.5%
RLC02-500
0 to 500 lbs
±0.5%
RLC02-1K
0 to 1000 lbs
±0.5%
RLC02-2K
0 to 2000 lbs
±0.5%
RLC02-5K
0 to 5000 lbs
±0.5%
RLC02-10K
0 to 10,000 lbs
±0.5%
Series Low Capacity Tension/Compression Load
Cells
RLC03-0.25
±0.25 lbs
±0.15%
RLC03-0.5
±0.5 lbs
±0.15%
RLC03-2
±2 lbs
±0.15%
RLC03-5
±5 lbs
±0.15%
RLC03-10
±10 lbs
±0.15%
RLC03-20
±20 lbs
±0.15%
RLC03-50
±50 lbs
±0.15%
RLC03-100
±100 lbs
±0.15%
Series Miniature Tension/Compression Load Cells
RLC04-0.25
±0.25 lbs
±0.2%
RLC04-0.5
±0.5 lbs
±0.2%
RLC04-2
±2 lbs
±0.2%
RLC04-5
±5 lbs
±0.2%
RLC04-10
±10 lbs
±0.2%
RLC04-20
±20 lbs
±0.2%
RLC04-50
±50 lbs
±0.2%
RLC04-100
±100 lbs
±0.2%
Series Reaction Torque Sensors
RTQ50-10Z
±10 oz in
±0.35%
RTQ50-20Z
±20 oz in
±0.35%
RTQ50-50Z
±50 oz in
±0.35%
RTQ50-12
±12 lb in
±0.35%
RTQ50-50
±50 lb in
±0.35%
RTQ50-100
±100 lb in
±0.35%
OMEGACARESM extended
warranty program is available
for models shown on this
page. Ask your sales
representative for full details.
Extended Warranty
Program
SM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com