Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M25P05-A Datasheet(PDF) 32 Page - STMicroelectronics

Part # M25P05-A
Description  512 Kbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P05-A Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M25P05-A Datasheet HTML 26Page - STMicroelectronics M25P05-A Datasheet HTML 27Page - STMicroelectronics M25P05-A Datasheet HTML 28Page - STMicroelectronics M25P05-A Datasheet HTML 29Page - STMicroelectronics M25P05-A Datasheet HTML 30Page - STMicroelectronics M25P05-A Datasheet HTML 31Page - STMicroelectronics M25P05-A Datasheet HTML 32Page - STMicroelectronics M25P05-A Datasheet HTML 33Page - STMicroelectronics M25P05-A Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
M25P05-A
32/34
PART NUMBERING
Table 14. Ordering Information Scheme
For a list of available options (speed, package,
etc.) or for further information on any aspect of this
device, please contact your nearest ST Sales Of-
fice.
Example:
M25P05-A
V
MN
6
T
Device Type
M25P
Device Function
05-A = 512 Kbit (64K x 8) Enhanced Techology in line with
the M25P10-A, M25P20, M25P40, M25P80
Operating Voltage
V = VCC = 2.7 to 3.6V
Package
MN = SO8 (150 mil width)
MP = VFQFPN8 (MLP8)
Temperature Range
6 = –40 to 85 °C
Option
T = Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com