Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2C2222A Datasheet(PDF) 2 Page - Silicon Supplies

Part # 2C2222A
Description  NPN Transistor Bare Die
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

2C2222A Datasheet(HTML) 2 Page - Silicon Supplies

  2C2222A Datasheet HTML 1Page - Silicon Supplies 2C2222A Datasheet HTML 2Page - Silicon Supplies 2C2222A Datasheet HTML 3Page - Silicon Supplies 2C2222A Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings T
A = 25°C unless otherwise stated
Rev 1.0
07/07/17
NPN Transistor Bare Die, 2C2222A
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
75
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
600
mA
Junction Temperature
TJ
150
°C
Storage Temperature
Tstg
-55 to 150
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
V(BR)CBO
IC = 10µA
75
-
-
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC = 10mA
40
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE = 10µA
6
-
-
V
Collector Cut-off Current
ICEX
VCE = 60V, VEB = 3V
-
-
10
nA
Collector Cut-off Current
ICBO
VCB = 60V
-
-
10
nA
Emitter Cut-off Current
IEBO
VEB = 3V
-
-
100
nA
ON CHARACTERISTICS
VCE = 10V, IC = 0.1mA
35
-
-
-
VCE = 10V, IC = 1mA
50
-
-
-
VCE = 10V, IC = 10mA
75
-
-
-
VCE = 10V, IC = 150mA
100
-
300
-
VCE = 1V, IC = 100mA
50
-
-
-
Forward-Current Transfer Ratio
hFE
VCE = 10V, IC = 500mA
40
-
-
-
IC = 150mA, IB = 15mA
-
-
0.3
V
Collector-Emitter Saturation Voltage
VCE(sat)
IC = 500mA, IB = 50mA
-
-
1
V
IC = 150mA, IB = 15mA
0.6
-
1.2
V
Base-Emitter Saturation Voltage
VBE(sat)
IC = 500mA, IB = 50mA
-
-
2
V
SMALL SIGNAL CHARACTERISTICS
1
Transition Frequency
fT
VCE = 20V, IE = -20mA
300
-
-
MHz
Output Capacitance
Cobo
VCB = 10V, IE = 0, f = 1MHz
-
-
8
Input Capacitance
Cibo
VEB = 0.5V, IC = 0, f = 1MHz
-
-
25
pF
SWITCHING CHARACTERISTICS
1
Delay Time
td
-
-
10
Rise Time
tr
VCC = 30V, IE = -0.5mA
IC= 150mA, IB1= 15mA
-
-
25
Storage Time
ts
-
-
225
Fall Time
tf
VCC = 30V, IC = 150mA
IB1 = IB2 = 15mA
-
-
60
ns
Electrical Characteristics T
A = 25°C unless otherwise stated
Note 1: Not production testing in die form, characterized by chip design and tested in package LAT.
Page 2 of 4
www.siliconsupplies.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com