Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25TTS08FP Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 25TTS08FP
Description  isc Thyristors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

25TTS08FP Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  25TTS08FP Datasheet HTML 1Page - Inchange Semiconductor Company Limited 25TTS08FP Datasheet HTML 2Page - Inchange Semiconductor Company Limited 25TTS08FP Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
isc Thyristors
25TTS08FP
www.iscsemi.com
1
APPLICATIONS
· Solid State Relays
· Welding Equipment
· High Power Motor Control
· Heating Systems
· Controlled AC/DC Bridge
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive Peak Off-state Voltage
1600
V
VRRM
Repetitive Peak Reverse Voltage
1600
V
IT(AV)
On-state Current
(180° Conduction Angle)
Tc= 85℃
16
A
IRMS
Max. RMS On-state Current
25
A
ITSM
Surge Non-repetitive
On-state Current
10ms Sine pulse, rated VRRMapplied
300
A
10ms Sine pulse, no voltage reapplied
350
PG(AV)
Average Gate Power,TJ= 125℃
2.0
W
di/dt
Critical Rate Of Rise Of On-state Current,TJ= 125℃
150
A/us
I2t
Max. I2t for fusing
10ms Sine pulse, rated VRRMapplied
450
A2s
10ms Sine pulse, no voltage reapplied
630
IGM
Max. paek positive Gate Current
1.5
A
TJ
Operating Junction Temperature
-40~125
Tstg
Storage Temperature
-40~125


Similar Part No. - 25TTS08FP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
25TTS08FP IRF-25TTS08FP Datasheet
97Kb / 7P
PHASE CONTROL SCR TO-220 FULLPAK
logo
Vishay Siliconix
25TTS08FP VISHAY-25TTS08FP Datasheet
143Kb / 7P
Phase Control SCR TO-220AB FULL-PAK, 25 A
20-Jun-08
More results

Similar Description - 25TTS08FP

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC126D ISC-TIC126D Datasheet
99Kb / 1P
isc Thyristors
2P4M-D ISC-2P4M-D Datasheet
265Kb / 2P
isc Thyristors
BTA208S-600D ISC-BTA208S-600D Datasheet
222Kb / 1P
isc Thyristors
2N6348 ISC-2N6348 Datasheet
202Kb / 2P
isc Thyristors
MCR310-10G ISC-MCR310-10G Datasheet
171Kb / 1P
isc Thyristors
T1610-800G-TR ISC-T1610-800G-TR Datasheet
172Kb / 1P
isc Thyristors
BCR8PM-12LG ISC-BCR8PM-12LG Datasheet
172Kb / 1P
isc Thyristors
BCR12PM-12LG ISC-BCR12PM-12LG Datasheet
171Kb / 1P
isc Thyristors
BT150SK-600R ISC-BT150SK-600R_V01 Datasheet
297Kb / 2P
isc Thyristors
16TTS12 ISC-16TTS12 Datasheet
222Kb / 2P
isc Thyristors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com