Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHAP3301C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PHAP3301C
Description  Tact switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHAP3301C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PHAP3301C Datasheet HTML 1Page - List of Unclassifed Manufacturers PHAP3301C Datasheet HTML 2Page - List of Unclassifed Manufacturers PHAP3301C Datasheet HTML 3Page - List of Unclassifed Manufacturers PHAP3301C Datasheet HTML 4Page - List of Unclassifed Manufacturers PHAP3301C Datasheet HTML 5Page - List of Unclassifed Manufacturers PHAP3301C Datasheet HTML 6Page - List of Unclassifed Manufacturers PHAP3301C Datasheet HTML 7Page - List of Unclassifed Manufacturers PHAP3301C Datasheet HTML 8Page - List of Unclassifed Manufacturers PHAP3301C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
C-4
APEM
www.apem.com
PHAP33 series
SMT tact switches
Microminiature and ultra-low profile - 4,2 x 4,2 mm case
C
With positioning pins
• Ultra-compact size for board space saving : 4,2 x 4,2 mm case,
1,5 mm button height from PCB
• Reflow solderable
• With or without positioning pins
• For tape and reel packaging, add ”R” at the end of model number.
ø0.80
(.031 DIA)
(.024)
0.60
1.50
(.059)
1.10
(.020)
(.137)
3.50
(.043)
(.173)
4.40
(.079DIA)
0.50
(.165)
4.20
Ø2.00
4
3
1
(.188)
4.80
2
4
2
(.110)
2.80
1
3
(.102)
2.60
Without positioning pins
(.102)
2.60
(.059)
1.50
(.188)
4.80
(.043)
1.10
3
1
4
2
1
2
4
3
(.137)
3.50
(.020)
(.173)
4.40
0.50
(.079DIA)
(.165)
4.20
Ø2.00
Operating force : 2,6N ± 0,5N - Travel : 0,20 mm
Operating force : 2,6N ± 0,5N - Travel : 0,20 mm
PACKAGING
Model number
PHAP3390
Model number
PHAP3391
To order a product with tape and reel
packaging, add ”R” at the end of its
model number.
Example : PHAP3390R.
Quantity per reel : 3.400 pieces
(13.00 DIA)
Ø330.00
2.00
(.079)
(.551)
14.00
(.079)
2.00
(.157)
4.00
(.315)
8.00
(.098)
2.50
(.079)
2.00
(.059 DIA)
Ø1.50
(.512 DIA)
Ø13.00
(LABEL)
ETIQUETTE
LABEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com