Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHAP3301F Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PHAP3301F
Description  Tact switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHAP3301F Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PHAP3301F Datasheet HTML 1Page - List of Unclassifed Manufacturers PHAP3301F Datasheet HTML 2Page - List of Unclassifed Manufacturers PHAP3301F Datasheet HTML 3Page - List of Unclassifed Manufacturers PHAP3301F Datasheet HTML 4Page - List of Unclassifed Manufacturers PHAP3301F Datasheet HTML 5Page - List of Unclassifed Manufacturers PHAP3301F Datasheet HTML 6Page - List of Unclassifed Manufacturers PHAP3301F Datasheet HTML 7Page - List of Unclassifed Manufacturers PHAP3301F Datasheet HTML 8Page - List of Unclassifed Manufacturers PHAP3301F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
C-6
APEM
www.apem.com
PHAP33 series
SMT tact switches
Low profile - 6,2 x 6,2 mm case
C
External terminals type G (gullwing)
• Ultra-compact size for board space saving : 6,2 x 6,2 mm case,
2,6 to 3,4 mm button height from PCB
• Reflow solderable
• With or without grounding tab for protection against electrostatic
discharges
• Models with external terminals type G or internal terminals type J
• For tape and reel packaging, add ”R” at the end of model number.
(.118 DIA)
L
(.102)
2.60
4.00
(.157)
0.70
(.028)
Ø3.00
6.20
(.244)
(.157)
(.039)
1.00
4.00
2
1
3
4
2
13
4
Model No
Dim. «L»
PHAP3371
2,6 mm
PHAP3371A
3,4 mm
Internal terminals type J - tape and reel packaging
Ø3.00
(.118 DIA)
2.60
(.102)
L
4.00
(.157)
0.70
(.028)
(.244)
6.20
1.00
(.039)
(.157)
4.00
3
4
1
2
24
3
1
Model No
Dim. «L»
PHAP3372R
2,6 mm
PHAP3372AR
3,4 mm
PACKAGING
To order a product with tape and reel
packaging, add ”R” at the end of its
model number.
Example : PHAP3371R.
Quantity per reel : 1.600 pieces
Ø13.00
(.512 DIA)
Ø330.00
(13.00 DIA)
(.079)
2.00
ETIQUETTE
(LABEL)
(.709)
18.00
(.146)
(.472)
(.079)
12.00
4.00
(.157)
2.00
Ø1.50
(.059 DIA)
3.70
Operating force : 1,6N + 0,5N/-0,3N - Travel : 0,25 mm
Operating force : 1,6N + 0,5N/-0,3N - Travel : 0,25 mm
LABEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com