Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR8PM-12LB Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BCR8PM-12LB
Description  isc Triacs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BCR8PM-12LB Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BCR8PM-12LB Datasheet HTML 1Page - Inchange Semiconductor Company Limited BCR8PM-12LB Datasheet HTML 2Page - Inchange Semiconductor Company Limited BCR8PM-12LB Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc Triacs
BCR8PM-12LB
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
IRRM
Repetitive Peak Reverse Current
VR=VRRM, TJ= 150℃
2.0
mA
IDRM
Repetitive Peak Off-state Current
VD=VDRM, TJ= 150℃
2.0
mA
IGT
Gate Trigger Current
Ⅰ
VD= 6V, RL = 6Ω,RG= 330Ω
30
mA
Ⅱ
30
Ⅲ
30
VGT
Gate Trigger Voltage
Ⅰ
-Ⅱ-Ⅲ
VD= 6V, RL = 6Ω,RG= 330Ω
1.5
V
VTM
On-state Voltage
IT= 12A
1.6
V
VGD
Gate Non-Trigger Volatge
VD= 1/2VDRM, TJ= 125℃
0.2
V
PACKAGE OUTLINE(UNIT:mm)
PRODUCT DISCLAIMER
ISC reserves the rights to make changes of the content herein the datasheet at any time without
notification. The information contained herein is presented only as a guide for the applications of our
products.
ISC products are intended for usage in general electronic equipment. The products are not designed for
use in equipment which require specialized quality and/or reliability, or in equipment which could have



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com