Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1637410000 Datasheet(PDF) 4 Page - Weidmuller

Part # 1637410000
Description  BLZ 5.00/8/90B SN OR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1637410000 Datasheet(HTML) 4 Page - Weidmuller

  1637410000 Datasheet HTML 1Page - Weidmuller 1637410000 Datasheet HTML 2Page - Weidmuller 1637410000 Datasheet HTML 3Page - Weidmuller 1637410000 Datasheet HTML 4Page - Weidmuller 1637410000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) |
Socket connectors, tension clamp connection, pitch 5.00/5.08 | BLZ 5.00-5.08/90/270 | BLZ 5.00/90B
- 4 -
1637190000
BLZ 5.00/9/90B SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.00 mm, No.
of poles: 9, 90°, Box
1637420000
BLZ 5.00/9/90B SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.00 mm, No.
of poles: 9, 90°, Box
1637200000
BLZ 5.00/10/90B SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.00 mm, No.
of poles: 10, 90°, Box
1637430000
BLZ 5.00/10/90B SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.00 mm, No.
of poles: 10, 90°, Box
1637210000
BLZ 5.00/11/90B SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.00 mm, No.
of poles: 11, 90°, Box
1637440000
BLZ 5.00/11/90B SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.00 mm, No.
of poles: 11, 90°, Box
1637220000
BLZ 5.00/12/90B SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.00 mm, No.
of poles: 12, 90°, Box
1637450000
BLZ 5.00/12/90B SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.00 mm, No.
of poles: 12, 90°, Box
1637230000
BLZ 5.00/13/90B SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.00 mm, No.
of poles: 13, 90°, Box
1637240000
BLZ 5.00/14/90B SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.00 mm, No.
of poles: 14, 90°, Box
1637250000
BLZ 5.00/15/90B SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.00 mm, No.
of poles: 15, 90°, Box
1637260000
BLZ 5.00/16/90B SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.00 mm, No.
of poles: 16, 90°, Box
1637270000
BLZ 5.00/17/90B SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.00 mm, No.
of poles: 17, 90°, Box
1637280000
BLZ 5.00/18/90B SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.00 mm, No.
of poles: 18, 90°, Box
1637290000
BLZ 5.00/19/90B SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.00 mm, No.
of poles: 19, 90°, Box
1637300000
BLZ 5.00/20/90B SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.00 mm, No.
of poles: 20, 90°, Box
1637530000
BLZ 5.00/20/90B SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 3.31 mm², Pitch: 5.00 mm, No.
of poles: 20, 90°, Box



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com