Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP004097 Datasheet(PDF) 1 Page - Multicomp Pro

Part # MP004097
Description  Power Film Capacitors - Screw/Stud Terminals
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MP004097 Datasheet(HTML) 1 Page - Multicomp Pro

  MP004097 Datasheet HTML 1Page - Multicomp Pro MP004097 Datasheet HTML 2Page - Multicomp Pro MP004097 Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page <1>
V1.0
15/06/20
Power Film Capacitors -
Screw/Stud Terminals
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Dimensions : Millimetres
Features
• Conduction cooled
• Polypropylene dielectric
• Self-healing
• Operating frequency up to 700kHz
• Maximum operating core temperature 85°C
• Capacitance tolerance ±10%
• Flame retardant UL94- V0
Part Number
Rated
Voltage
Vrms
Nominal
Capacitance
µF at 1kHz
Max
Current
lrms
Max
Power
Kvar
Frequency
kHz
ESR
mΩ
Dimensions
mm
Terminal
Style
B
H
L
MP004097
400
5
800
300
59-67
0.1
34
78 78
5H
MP004094
500
2.60
650
72-85
0.2
MP004093
600
1.32
650
100-170
0.3
MP004095
700
0.66
500
147-200
0.8
MP004096
700
0.33
500
295-401
1
Standard Capacitor Values
Capacitor Drawing and Terminal Style


Similar Part No. - MP004097

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
MP0042 BULGIN-MP0042 Datasheet
1Mb / 24P
Switches
MP0042 BULGIN-MP0042 Datasheet
92Kb / 1P
Stainless Steel - Momentary
MP0042/1 BULGIN-MP0042/1 Datasheet
92Kb / 1P
Stainless Steel - Momentary
MP0042/2 BULGIN-MP0042/2 Datasheet
92Kb / 1P
Stainless Steel - Momentary
MP0042/3 BULGIN-MP0042/3 Datasheet
92Kb / 1P
Stainless Steel - Momentary
More results

Similar Description - MP004097

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43560 EPCOS-B43560 Datasheet
507Kb / 14P
Capacitors with screw terminals
logo
Vishay Siliconix
106PED-ST VISHAY-106PED-ST Datasheet
109Kb / 6P
Aluminum Capacitors Power Eurodin Screw Terminals
31-Oct-08
106PED-ST VISHAY-106PED-ST_11 Datasheet
104Kb / 7P
Aluminum Capacitors, Power Eurodin, Screw Terminals
28-Oct-11
logo
TDK Electronics
B43700 TDK-B43700_16 Datasheet
647Kb / 17P
Capacitors with screw terminals
B43701 TDK-B43701_16 Datasheet
617Kb / 17P
Capacitors with screw terminals
B43712 TDK-B43712_16 Datasheet
672Kb / 21P
Capacitors with screw terminals
B41456B4100M600 TDK-B41456B4100M600 Datasheet
51Kb / 1P
Capacitors with Screw Terminals
B41456B5150M600 TDK-B41456B5150M600 Datasheet
51Kb / 1P
Capacitors with Screw Terminals
B41456B5330M600 TDK-B41456B5330M600 Datasheet
51Kb / 1P
Capacitors with Screw Terminals
B41456B5330M603 TDK-B41456B5330M603 Datasheet
52Kb / 2P
Capacitors with Screw Terminals
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com