Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHVL-3R9H505-R Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # PHVL-3R9H505-R
Description  PHVL Supercapacitors Cylindrical packs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

PHVL-3R9H505-R Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  PHVL-3R9H505-R Datasheet HTML 1Page - Eaton All Rights Reserved. PHVL-3R9H505-R Datasheet HTML 2Page - Eaton All Rights Reserved. PHVL-3R9H505-R Datasheet HTML 3Page - Eaton All Rights Reserved. PHVL-3R9H505-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Technical Data ELX1022
Effective February 2021
PHVL Supercapacitors
Cylindrical packs
www.eaton.com/electronics
Part numbering system
P
HVL
–3R9
V
15
5
-R
Type
Family code
Voltage (V)
R = decimal
Configuration
Capacitance (μF)
Value
Multiplier
Standard product
P = Pack
HVL= Product family
3R9 = 3.9 V
V= Vertical
H= Horizontal
Example 155= 15 x 105 μF or 1.5 F
Packaging information
•
Standard packaging: Bulk, 100 parts per bag
Part marking
•
Manufacturer
•
Capacitance value (F)
•
Working voltage (V)
•
Family code or part number
•
Polarity mark
•
B
C
P
C
A
A
D
E
d'
P
B
C
P
E'
F
C
A
A
D'
F
d'
Positive lead
Positive lead
Vertical part
number
Horizontal part
number
A
B
C
d’
D
D’
E
E’
F
P
Typical
mass (g)
PHVL-3R9V474-R
PHVL-3R9H474-R
9.0
17.3
14.5
0.5
20
15
25
20
2.0
11.8
2.6
PHVL-3R9V155-R
PHVL-3R9H155-R
9.0
17.3
22
0.5
20
15
25
20
2.0
11.8
3.0
PHVL-3R9V255-R
PHVL-3R9H255-R
11
21.3
23
0.6
20
15
25
20
2.0
5.3
4.5
PHVL-3R9V305-R
PHVL-3R9H305-R
9.0
17.3
32.5
0.5
20
15
25
20
2.0
11.8
4.8
PHVL-3R9V505-R
PHVL-3R9H505-R
11
21.3
32.5
0.6
20
15
25
20
2.0
5.3
6.8
Tolerances
Maximum
± 0.02
Minimum
± 0.5
Note: Longer lead is positive
Vertical
Horizontal



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com