Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6201 Datasheet(PDF) 24 Page - Torex Semiconductor

Part # XC6201
Description  Positive Voltage Regulators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6201 Datasheet(HTML) 24 Page - Torex Semiconductor

Back Button XC6201 Datasheet HTML 19Page - Torex Semiconductor XC6201 Datasheet HTML 20Page - Torex Semiconductor XC6201 Datasheet HTML 21Page - Torex Semiconductor XC6201 Datasheet HTML 22Page - Torex Semiconductor XC6201 Datasheet HTML 23Page - Torex Semiconductor XC6201 Datasheet HTML 24Page - Torex Semiconductor XC6201 Datasheet HTML 25Page - Torex Semiconductor XC6201 Datasheet HTML 26Page - Torex Semiconductor XC6201 Datasheet HTML 27Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
24/27
XC6201 Series
● USP-6B Power Dissipation
Power dissipation data for theUSP-6B is shown in this page.
The value of power dissipation varies with the mount board conditions.
Please use this data as the reference data taken in the following condition.
1. Measurement Condition
Condition: Mount on a board
Ambient: Natural convection
Soldering: Lead (Pb) free
Board: Dimensions 40 x 40 mm
(1600 mm2 in one side)
Copper (Cu) traces occupy 50% of the board
area In top and back faces
Package heat-sink is tied to the copper traces
Material: Glass Epoxy (FR-4)
Thickness: 1.6mm
Through-hole: 4 x 0.8 Diameter
Evaluation Board (Unit:mm)
2.Power Dissipation vs. Ambient Temperature
Board Mount (Tj max = 125℃)
Ambient Temperature(℃)
Power Dissipation Pd(mW)
Thermal Resistance (℃/W)
25
1000
100.00
85
400
0
200
400
600
800
1000
1200
25
45
65
85
105
125
Ambient Temperature Ta (℃)
Pd vs. Ta



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com