Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSS2105 Datasheet(PDF) 20 Page - Mosel Vitelic, Corp

Part # MSS2105
Description  21/32/43/60 VOICE ROM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSS2105 Datasheet(HTML) 20 Page - Mosel Vitelic, Corp

Back Button MSS2105 Datasheet HTML 16Page - Mosel Vitelic, Corp MSS2105 Datasheet HTML 17Page - Mosel Vitelic, Corp MSS2105 Datasheet HTML 18Page - Mosel Vitelic, Corp MSS2105 Datasheet HTML 19Page - Mosel Vitelic, Corp MSS2105 Datasheet HTML 20Page - Mosel Vitelic, Corp MSS2105 Datasheet HTML 21Page - Mosel Vitelic, Corp MSS2105 Datasheet HTML 22Page - Mosel Vitelic, Corp MSS2105 Datasheet HTML 23Page - Mosel Vitelic, Corp MSS2105 Datasheet HTML 24Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
20/27
PID248*** 08/96
T I T L E
MSS2105/S3205/S4305/S6605
Level
Edge
Don't care
Hold
Unhold
Don't care
Retrigger
Irretrigger
Don't care
20 mS debounce
5 mS debounce
Don't care
Matrix addressing
KeyBoard addressing
CPU addressing
CPU & Matrix
CPU & KeyBoard
No use & don't care
Stop low pulse, 40 mS
Stop low pulse, 5 mS
Stop high pulse, 40 mS
Stop high pulse, 5 mS
Busy
No use and don't care
Random play OKY
Play all OKY
Play next OKY / continue
Play next OKY / home
Play next OKY
No use & don't care
C h i p d e s c r i p t i o n s
Title
SampleRate
Output
Device
Working
Voltage
Power
Source
2.5 V
3.0 V
3.5 V
4.0 V
4.5 V
Battery
its size =
Mains
Other
Specify below Mask information whenever using either Matrix or KeyBoard addressing mode
General Desciptions
Customer
Agent
Sales
Repr'tives
Providing
to
MVI
Service
Required
from
MVI
Who is MVI sales you contact ?
8-bit PCM sound files
.WAV sound files
DAT or equivalent
something special in written
memo
Others
EPROMs with data inside
files to be programmed into
EPROM
9009 emulation board &
EPROM
Confirm table
Others
Hz
Form C is attached due to more than 64 words defined.
Form E is attached due to some sentences defined and not adopt CPU addressing mode.
Form F is attached due to more than 32 sentences defined and not adopt CPU addressing mode.
Company Name :
Signature :
Department/Section :
Fax number :
Date :
Position Title :
T o :
Attn :
Mosel Vitelic Inc.
886-3-5772788 (fax)
Sales & Marketing Department
We hereby request MVI to start preparing produce MSS6605 which is specified as below description as well
as form A.
We already read this data sheet PID 248*** and understand MSS6605 completely and know how
to specify to fit my requirement. Its voice storage limitation is 55500h.
P r o d u c t R e q u e s t F o r m
Buzzer (F fr =1KHz)
Speaker (0.25W,
8 ohm, 1" diam.)
Other:
5.0 V
5.5 V
6.0 V
Specifications subject to change without notice, contact your sales representatives for the most recent information.
preliminary
MOSEL VITELIC INC.
No proceed if empty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com