Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFP830 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HFP830
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HFP830 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HFP830 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
汕头华汕电子器件有限公司
HFP830
对应国外型号
IRF830
N-Channel Enhancement Mode Field Effect Transistor
█ 主要用途
█ 外形图及引脚排列
1―栅 极 G
2―漏 极 D
3―源 极 S
TO-220
高压高速电源开关。
█ 极限值(T
a=25℃)
T stg —— 贮存温度 ………… ………… ………… … - 55 ~150 ℃
T j — —结温 … ……… … ……… … ……… … ……… - 55~150 ℃
V DSS ——漏极—源极电压………………………………… 50 0 V
VDGR —— 漏极—栅极电压(RGS=1MΩ) …………………………… 500V
V GS —— 栅 极—源 极 电压… … ……… … ……… … ……… ± 20 V
I D —— 漏极 电流( T c =25 ℃)… ……… …… ……… …… …… 4.5 A
P D ——耗 散功 率 ( T c =25 ℃) ……………………………… 75 W
█ 电参数(T
a=25℃)
参数符号
符
号
说
明
最小值
典型值
最大值
单 位
测
试
条
件
BVDSS
IDSS
IGSS
VGS ( th )
ID(on)
RDS(on)
gfs
Ciss
Coss
Crss
Td(on)
Tr
Td(off)
Tf
Qg
Qgs
Qgd
IS
VSD
漏—源极击穿电压
零栅压漏极电流
栅极泄漏电流
栅—源极开启电压
导通状态漏极电流
漏—源极导通电阻
正向跨导
输入电容
输出电容
反向传输电容
导通延迟时间
上升时间
断开延迟时间
下降时间
栅极总电荷
栅极—源极电荷
栅极—漏极电荷
源极—漏极二极管正向电流
源极—漏极二极管导通电压
500
2.0
4.5
2.5
22
12
10
25
±100
4.0
1.5
800
200
60
30
30
55
30
30
4.5
1.6
V
µA
nA
V
A
Ω
S
pF
pF
pF
ns
ns
ns
ns
nC
nC
nC
A
V
ID=250µA,VGS=0
VDS=500V,VGS=0
VGS=±20V,VDS=0
VDS=VGS,ID=250µA
VDS≥6.75V,VGS=10V
VGS=10V,ID=2.5A
VDS=10V,ID=2.5A
VDS=25V,VGS=0,f=1MHz
VDD=200V,ID=2.5A(峰
值)
,RG=15Ω
VDS=0.8VDSS,
VGS=10V,
ID=4.5A
IS=4.5A,VGS=0


Similar Part No. - HFP830

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HFP830 HUASHAN-HFP830 Datasheet
398Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
logo
SemiHow Co.,Ltd.
HFP830 SEMIHOW-HFP830 Datasheet
881Kb / 8P
500V N-Channel MOSFET
More results

Similar Description - HFP830

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com