Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMMT-EC-40-S-ES-R1MC Datasheet(PDF) 2 Page - Festo Corporation.

Part # EMMT-EC-40-S-ES-R1MC
Description  Servo Motor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

EMMT-EC-40-S-ES-R1MC Datasheet(HTML) 2 Page - Festo Corporation.

  EMMT-EC-40-S-ES-R1MC Datasheet HTML 1Page - Festo Corporation. EMMT-EC-40-S-ES-R1MC Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK RoHS instructions
To UK instructions for electrical equipment
Certificate issuing authority
UL E342973
Nominal operating voltage DC
48 V
Type of winding switch
Star inside
Number of pole pairs
5
Stall torque
0.24 Nm
Nominal torque
0.23 Nm
Peak torque
0.85 Nm
Nominal rotary speed
4000 rpm
Max. rotational speed
9100 rpm
Max. mechanical speed
15000 rpm
Angular acceleration
≤100000 rad/s²
Motor nominal power
96 W
Continuous stall current
4.4 A
Motor nominal current
4.2 A
Peak current
20 A
Motor constants
0.055 Nm/A
Standstill torque constant
0.06 Nm/A
Voltage constant, phase-to-phase
3.6 mVmin
Phase-phase winding resistance
1.1 Ohm
Winding inductance phase-phase
0.9 mH
Winding longitudinal inductivity Ld (phase)
0.35 mH
Cross inductivity Lq (phase)
0.45 mH
Electric time constant
0.82 ms
Thermal time constant
4.6 min
Thermal resistance
1.58 K/W
Measuring flange
200 x 200 x 15 mm, steel
Total output inertia moment
0.039 kgcm²
Product weight
500 g
Permissible axial shaft load
30 N
Permissible radial shaft load
150 N
Rotor position sensor
Absolute encoder, multi-turn
Rotor position sensor for manufacturer designation
KCD-BC33B-1617-JP4F-GRQ-009
Rotor position encoder for absolutely detectable revolutions
4096
Rotor position sensor interface
BiSS-C
Rotor position sensor measuring principle
Magnetic
Rotor position encoder for DC operating voltage
5 V
Rotor position encoder for DC operating voltage range
4.5 V ... 5.5 V
Rotor position encoder for positional values per revolution
131072
Rotor position sensor resolution
17 bit
Rotor position encoder system accuracy angle measurement
-320 arcsec ... 320 arcsec
MTTF, subcomponent
190 years, rotor position sensor
4/3/26 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com