Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMSXXXFF Datasheet(PDF) 39 Page - Numonyx B.V

Part # SMSXXXFF
Description  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMSXXXFF Datasheet(HTML) 39 Page - Numonyx B.V

Back Button SMSXXXFF Datasheet HTML 35Page - Numonyx B.V SMSXXXFF Datasheet HTML 36Page - Numonyx B.V SMSXXXFF Datasheet HTML 37Page - Numonyx B.V SMSXXXFF Datasheet HTML 38Page - Numonyx B.V SMSXXXFF Datasheet HTML 39Page - Numonyx B.V SMSXXXFF Datasheet HTML 40Page - Numonyx B.V SMSXXXFF Datasheet HTML 41Page - Numonyx B.V SMSXXXFF Datasheet HTML 42Page - Numonyx B.V SMSXXXFF Datasheet HTML 43Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
SMSxxxAF, SMSxxxFF, SMSxxxBF
Timings
39/61
Figure 25.
Block Write Command
6.3.2
Multiple Block Write
In Multiple Block Write mode, the write command from the host is followed by a continuous
flow of data blocks from the host. The data flow is terminated by a STOP_TRANSMISSION
command (CMD12).
As in the case of a Single Block Write operation, CRC check bits are appended to the data
sent to allow the card to check for transmission errors. The card returns the CRC check
result as a CRC status token on the DAT0 line.
If a transmission error occurred, the card returns a negative CRC status ('101'). If the
transmission completed successfully, the card returns a positive CRC status ('010') and
starts programming the data.
If an error occurred while programming the Flash memory, the card ignores all further data
blocks. In this case the card will not send any CRC response and so, there will be no CRC
start bit on the bus and the three CRC status bits will read ('111').
Figure 26 describes a Multiple Block data transmission with and without a card busy signal.
Figure 26.
Multiple Block Write Command
6.4
STOP_TRANSMISSION Command
The STOP_TRANSMISSION command works in the same way as in the read mode.
Figure 27 to Figure 30 describe the timings of the STOP_TRANSMISSION command in
different card states.
The card will consider that a data block was successfully received and is ready for
programming only if the CRC data of the block was validated and the CRC status token,
returned to the host.
Figure 28 is an example of an interrupted (by a STOP_TRANSMISSION command from the
host) attempt to transmit the CRC status token. The result is the same as in other examples
S
EZ
* P S T
Host
Command
Card Response
NCR
ai10053
CONTENT CRC E
CMD
Z P
Z * * * * * * *
Z
Z
ZZ Z
* * *
P * P
L * L EZ
NWR
DAT0
Z Z P
X X
P P PP
CONTENT CRC E Z
E S
P P PP
Status
Busy
Write Data
* * * * * * * * * * * * * * * * * *
ZZ ZZ S
S
Z * * * * * * *
Z
Z
ZZ Z
* * *
P * P
XZ
DAT1-DAT3
CONTENT CRC E Z
X X
ZZ ZZ XX
X X
CRC Status
EZ
Card
Response
ai1005
CMD
Z
NWR
DAT
P
P P PP P P PP
Write Data
* * * * * * * * * * * * * * * * * *
CRC Status
P P PP P
* * * * * * * * * * * * * * * * * *
P
P * P S
E Z
Status
S
S
Z P * P
Data+CRC E Z
ZZ
L * L E
E S
Status
S
Data+CRC E Z ZZ P * P
NWR
Write Data
CRC Status
NWR
Busy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com