Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS01GAF Datasheet(PDF) 42 Page - Numonyx B.V

Part # SMS01GAF
Description  64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMS01GAF Datasheet(HTML) 42 Page - Numonyx B.V

Back Button SMS01GAF Datasheet HTML 38Page - Numonyx B.V SMS01GAF Datasheet HTML 39Page - Numonyx B.V SMS01GAF Datasheet HTML 40Page - Numonyx B.V SMS01GAF Datasheet HTML 41Page - Numonyx B.V SMS01GAF Datasheet HTML 42Page - Numonyx B.V SMS01GAF Datasheet HTML 43Page - Numonyx B.V SMS01GAF Datasheet HTML 44Page - Numonyx B.V SMS01GAF Datasheet HTML 45Page - Numonyx B.V SMS01GAF Datasheet HTML 46Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 61 page
background image
Serial peripheral interface (SPI) mode
SMSxxxAF, SMSxxxFF, SMSxxxBF
42/61
7
Serial peripheral interface (SPI) mode
The SPI mode is a secondary communication protocol, which is available in Flash memory-
based SD Memory Cards. The SD Memory Card SPI implementation uses a subset of the
SD Memory Card protocol and command set. The advantage of the SPI mode is the
capability of using off-the-shelf host, hence reducing the design-in effort to a minimum. The
disadvantage is the loss of performance (e.g., Single data line and hardware CS signal per
card). The SPI mode is selected during the first Reset command after power-up (CMD0)
and cannot be changed once the part is powered on.
7.1
SPI bus topology
The SPI compatible communication mode of the SD Memory Card is designed to
communicate with an SPI channel, commonly found in various microcontrollers on the
market. The SPI standard defines the physical link only, and not the complete data transfer
protocol. The SD Memory Card SPI and SD modes use the same command set.
Like all SPI devices, the SD Memory Card SPI channel uses the four following signals:
●
CS: Host to card Chip Select signal.
●
CLK: Host to card clock signal
●
DataIn: Host to card data signal.
●
DataOut: Card to host data signal.
All data tokens are multiples of Bytes (8 bits) and always Byte-aligned to the CS signal. The
card identification and addressing methods are replaced by a hardware Chip Select (CS)
signal. There are no broadcast commands. For every command, a card (slave) is selected
by asserting (active Low) the CS signal (see Figure 31: SD Memory Card System SPI Mode
Bus Topology).The CS signal must be continuously active for the duration of the SPI
transaction. The only exception occurs during card programming, when the host can de-
assert the CS signal without affecting the programming process. The SPI interface uses 7
out of the 9 SD signals (DAT1 and DAT2 are not used, DAT3 is the CS signal) of the SD bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com