Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2764A Datasheet(PDF) 4 Page - STMicroelectronics

Part # M2764A
Description  NMOS 64K (8K x 8) UV EPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M2764A Datasheet(HTML) 4 Page - STMicroelectronics

  M2764A Datasheet HTML 1Page - STMicroelectronics M2764A Datasheet HTML 2Page - STMicroelectronics M2764A Datasheet HTML 3Page - STMicroelectronics M2764A Datasheet HTML 4Page - STMicroelectronics M2764A Datasheet HTML 5Page - STMicroelectronics M2764A Datasheet HTML 6Page - STMicroelectronics M2764A Datasheet HTML 7Page - STMicroelectronics M2764A Datasheet HTML 8Page - STMicroelectronics M2764A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AI00827
2.4V
0.45V
2.0V
0.8V
Figure 3. AC Testing Input Output Waveforms
Input Rise and Fall Times
≤ 20ns
Input Pulse Voltages
0.45V to 2.4V
Input and Output Timing Ref. Voltages
0.8V to 2.0V
AC MEASUREMENT CONDITIONS
AI00828
1.3V
OUT
CL = 100pF
CL includes JIG capacitance
3.3k
Ω
1N914
DEVICE
UNDER
TEST
Figure 4. AC Testing Load Circuit
Note that Output Hi-Z is defined as the point where data
is no longer driven.
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
COUT
Output Capacitance
VOUT = 0V
12
pF
Note: 1. Sampled only, not 100% tested.
Table 5. Capacitance (1) (TA = 25
°C, f = 1 MHz )
AI00778
tAXQX
tEHQZ
DATA OUT
A0-A12
E
G
Q0-Q7
tAVQV
tGHQZ
tGLQV
tELQV
VALID
Hi-Z
Figure 5. Read Mode AC Waveforms
4/10
M2764A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com