Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2142ACD Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2142ACD
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2142ACD Datasheet(HTML) 27 Page - Texas Instruments

Back Button TLE2142ACD Datasheet HTML 21Page - Texas Instruments TLE2142ACD Datasheet HTML 22Page - Texas Instruments TLE2142ACD Datasheet HTML 23Page - Texas Instruments TLE2142ACD Datasheet HTML 24Page - Texas Instruments TLE2142ACD Datasheet HTML 25Page - Texas Instruments TLE2142ACD Datasheet HTML 26Page - Texas Instruments TLE2142ACD Datasheet HTML 27Page - Texas Instruments TLE2142ACD Datasheet HTML 28Page - Texas Instruments TLE2142ACD Datasheet HTML 29Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
TLE2142, TLE2142A, TLE2142Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS064B – DECEMBER 1990 – REVISED AUGUST 1994
5–27
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
– 75 – 50 – 25
0
25
50
75
100
125 150
TA – Free-Air Temperature – °C
30
20
10
40
SLEW RATE
vs
FREE-AIR TEMPERATURE
0
50
0
10
20
30
CL – Load Capacitance – nF
SLEW RATE
vs
LOAD CAPACITANCE
10
1
0.1
0.01
VCC
± = ±15 V
AVD = – 1
TA = 25°C
SR+
SR –
40
60
SR +
SR –
VCC
± = ±15 V
AVD = – 1
RL = 2 kΩ
CL = 500 pF
50
Figure 27
Figure 28
5
4
3
2
1
0
0
–10
–15
01
5
10
15
2
345
t – Time –
µs
NONINVERTING
LARGE-SIGNAL
PULSE RESPONSE
t – Time –
µs
INVERTING
LARGE-SIGNAL
PULSE RESPONSE
TA = – 55°C
TA = 25°C
TA = 125°C
TA = 25°C
TA = – 55°C
TA = 125°C
VCC
± = ±15 V
AVD = 1
RL = 2 kΩ
CL = 300 pF
VCC
± = ±15 V
AVD = –1
RL = 2 kΩ
CL = 300 pF
TA = 25°C
TA = – 55°C
TA = 125°C
TA = – 55°C
TA = 25°C
TA = 125°C
0
–10
–15
5
10
15
0
–10
–15
5
10
15
–5
–5
Figure 29
Figure 30
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com