Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSX36 Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # LSX36
Description  LX Series Part-Sensing Light Curtain
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LSX36 Datasheet(HTML) 4 Page - Banner Engineering Corp.

  LSX36 Datasheet HTML 1Page - Banner Engineering Corp. LSX36 Datasheet HTML 2Page - Banner Engineering Corp. LSX36 Datasheet HTML 3Page - Banner Engineering Corp. LSX36 Datasheet HTML 4Page - Banner Engineering Corp. LSX36 Datasheet HTML 5Page - Banner Engineering Corp. LSX36 Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
09-Jul-25
page 4 of 6
LX Series Part-Sensing Light Curtain
© Banner Engineering Corp. All rights reserved.
www.bannerengineering.com
Sensing Range
Models
Normal
Reduced
Short-Range
100 to 200 mm (4 in to 8 in)
75 to 150 mm (3 in to 6 in)
Standard-Range
300 mm to 2 m (1 ft to 6.5 ft)
150 mm to 600 mm (6 in to 24
in)
See "Wiring Diagrams" on page 2
Certifications
Banner Engineering BV
Park Lane, Culliganlaan 2F bus 3
1831 Diegem, BELGIUM
E71083
Class 2 Power
UL Environmental Rating: Type 1
Required Overcurrent Protection
WARNING: Electrical connections must
be made by qualified personnel in
accordance with local and national
electrical codes and regulations. 
Overcurrent protection is required to be provided by end
product application per the supplied table. 
Overcurrent protection may be provided with external fusing
or via Current Limiting, Class 2 Power Supply.
Supply wiring leads < 24 AWG shall not be spliced.
For additional product support, go
to www.bannerengineering.com. 
Supply
Wiring
(AWG)
Required Overcurrent
Protection (A)
Supply
Wiring
(AWG)
Required Overcurrent
Protection (A)
20
5.0
26
1.0
22
3.0
28
0.8
24
1.0
30
0.5
Dimensions
Model
Length (L)
LED 1
LED 2
L
LX3
113.4 mm (4.46 in)
LX6
189.6 mm (7.46 in)
LX9
265.8 mm (10.46 in)
LX12
342 mm (13.46 in)
LX15
418.2 mm (16.46 in)
LX18
494.4 mm (19.46 in)
LX21
570.6 mm (22.46 in)
LX24
646.8 mm (25.46 in)
LX27
723 mm (28.46 in)
LX30
799.2 mm (31.46 in)
LX33
875.4 mm (34.46 in)
LX36
951.6 mm (37.46 in)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com