Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2142ACP Datasheet(PDF) 20 Page - Texas Instruments

Part # TLE2142ACP
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2142ACP Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLE2142ACP Datasheet HTML 16Page - Texas Instruments TLE2142ACP Datasheet HTML 17Page - Texas Instruments TLE2142ACP Datasheet HTML 18Page - Texas Instruments TLE2142ACP Datasheet HTML 19Page - Texas Instruments TLE2142ACP Datasheet HTML 20Page - Texas Instruments TLE2142ACP Datasheet HTML 21Page - Texas Instruments TLE2142ACP Datasheet HTML 22Page - Texas Instruments TLE2142ACP Datasheet HTML 23Page - Texas Instruments TLE2142ACP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
TLE2142, TLE2142A, TLE2142Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS064B – DECEMBER 1990 – REVISED AUGUST 1994
5–20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
– 400
12
8
4
0
0
16
20
24
400
800
TLE2142
DISTRIBUTION OF
INPUT OFFSET VOLTAGE
VIO – Input Offset Voltage – µV
10
8
4
2
0
18
6
14
12
16
20
INPUT OFFSET CURRENT
vs
FREE-AIR TEMPERATURE
– 75 – 50 – 25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
150
236 Units Tested From 1 Wafer Lot
VCC
± = ±15 V
VCC
± = ±2.5 V
VO = 0
VIC = 0
VCC
± = ±15 V
TA = 25°C
P Package
– 800
– 200
200
600
– 600
Figure 1
Figure 2
–2
– 2.5
– 0.2
–1000
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
– 75 – 50 – 25
0
25
50
75
100
125 150
–1.5
–1
0
0
0.5
1
INPUT BIAS CURRENT
vs
COMMON-MODE INPUT VOLTAGE
VIC – Common-Mode Input Voltage – V
VO = 0
VIC = 0
VCC
± = ±2.5 V
VCC
± = ±2.5 V
VCC
± = ±15 V
TA = 25°C
TA = 125°C
TA = – 55°C
– 900
– 800
– 700
– 600
– 500
– 0.4
– 0.6
– 0.8
–3
–0.5
–1
– 1.2
– 1.4
Figure 3
Figure 4
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com