Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072BCP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL072BCP
Description  LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL072BCP Datasheet(HTML) 3 Page - Texas Instruments

  TL072BCP Datasheet HTML 1Page - Texas Instruments TL072BCP Datasheet HTML 2Page - Texas Instruments TL072BCP Datasheet HTML 3Page - Texas Instruments TL072BCP Datasheet HTML 4Page - Texas Instruments TL072BCP Datasheet HTML 5Page - Texas Instruments TL072BCP Datasheet HTML 6Page - Texas Instruments TL072BCP Datasheet HTML 7Page - Texas Instruments TL072BCP Datasheet HTML 8Page - Texas Instruments TL072BCP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TL071, TL071A, TL071B, TL072
TL072A, TL072B, TL074, TL074A, TL074B
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS080D – SEPTEMBER 1978 – REVISED AUGUST 1996
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
schematic (each amplifier)
C1
VCC +
IN +
VCC –
1080
Ω
1080
Ω
IN –
TL071 Only
64
Ω
128
Ω
64
Ω
All component values shown are nominal.
OFFSET
NULL
(N1)
OFFSET
NULL
(N2)
OUT
18 pF
COMPONENT COUNT†
COMPONENT
TYPE
TL071
TL072
TL074
Resistors
11
22
44
Resistors
Transistors
11
14
22
28
44
56
JFET
2
4
6
Diodes
1
2
4
Capacitors
1
2
4
epi-FET
1
2
4
† Includes bias and trim circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com