Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2142MP Datasheet(PDF) 6 Page - Texas Instruments

Part # TLC2142MP
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2142MP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC2142MP Datasheet HTML 2Page - Texas Instruments TLC2142MP Datasheet HTML 3Page - Texas Instruments TLC2142MP Datasheet HTML 4Page - Texas Instruments TLC2142MP Datasheet HTML 5Page - Texas Instruments TLC2142MP Datasheet HTML 6Page - Texas Instruments TLC2142MP Datasheet HTML 7Page - Texas Instruments TLC2142MP Datasheet HTML 8Page - Texas Instruments TLC2142MP Datasheet HTML 9Page - Texas Instruments TLC2142MP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
TLE2142, TLE2142A, TLE2142Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS064B – DECEMBER 1990 – REVISED AUGUST 1994
5–6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLE2142C
TLE2142AC
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
V2 5 V
R
50
Ω
25
°C
220
1900
200
1500
µV
VIO
Input offset voltage
V2 5 V
R
50
Ω
Full range
2200
1800
µV
αVIO
Temperature coefficient of
V2 5 V
R
50
Ω
Full range
17
17
µV/°C
αVIO
Temperature coefficient of
input offset voltage
VO = 2.5 V,
RS = 50 Ω,
Full range
1.7
1.7
µV/°C
IIO
Input offset current
VO = 2.5 V,
RS = 50 Ω,
VIC = 2.5 V
25
°C
8
100
8
100
nA
IIO
Input offset current
Full range
150
150
nA
IIB
Input bias current
25
°C
– 0.8
–2
– 0.8
–2
µA
IIB
Input bias current
Full range
– 2.1
– 2.1
µA
V
Cd i
R50
Ω
25
°C
0
– 0.3
0
– 0.3
V
V
Cd i
R50
Ω
25
°C
0
to
0.3
to
0
to
0.3
to
V
VICR
Common-mode input
RS =50 Ω
3
3.2
3
3.2
V
VICR
Common mode input
voltage range
RS = 50 Ω
Fll
0
0
V
gg
Full range
0
to
0
to
g
2.9
2.9
V
Hi h l
l
l
IOH = – 150 µA
25
°C
3.9
4.1
3.9
4.1
V
V
Hi h l
l
l
IOH = – 150 µA
Full range
3.8
3.8
V
VOH
High-level output voltage
IOH =– 15 mA
25
°C
3.8
4
3.8
4
V
VOH
High-level output voltage
IOH = – 1.5 mA
Full range
3.7
3.7
V
IOH = – 15 mA
25
°C
3.4
3.7
3.4
3.7
IOH = – 15 mA
Full range
3.4
3.4
V
Lll
l
IOL = 150 µA
25
°C
75
125
75
125
V
V
Lll
l
IOL = 150 µA
Full range
150
150
mV
VOL
Low-level output voltage
IOL =1 5mA
25
°C
150
225
150
225
mV
VOL
Low-level output voltage
IOL = 1.5 mA
Full range
250
250
IOL =15mA
25
°C
1.2
1.4
1.2
1.4
V
IOL = 15 mA
Full range
1.5
1.5
V
AVD
Large-signal differential
VCC = ± 2.5 V, RL = 2 kΩ,
25
°C
50
220
50
220
V/mV
AVD
Large signal differential
voltage amplification
VCC ± 2.5 V, RL 2 kΩ,
VO = 1 V to – 1.5 V
Full range
25
25
V/mV
ri
Input resistance
25
°C
70
70
M
Ω
ci
Input capacitance
25
°C
2.5
2.5
pF
zo
Open-loop output
impedance
f = 1 MHz
25
°C
30
30
Ω
CMRR
Common-mode
VIC =VICRmin RS =50 Ω
25
°C
85
118
85
118
dB
CMRR
Common mode
rejection ratio
VIC = VICRmin, RS = 50 Ω
Full range
80
80
dB
kSVR
Supply-voltage rejection
VCC
± = ±2.5 V to ±15 V,
25
°C
90
106
90
106
dB
kSVR
Supply voltage rejection
ratio (
∆VCC± /∆VIO)
VCC
± ±2.5 V to ±15 V,
RS = 50 Ω
Full range
85
85
dB
ICC
Supply current
VO = 2.5 V,
No load,
25
°C
6.6
8.8
6.6
8.8
mA
ICC
Supply current
VO 2.5 V,
No load,
VIC = 2.5 V
Full range
9.2
9.2
mA
† Full range is 0
°C to 70°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com