Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APX809-31SA Datasheet(PDF) 4 Page - Diodes Incorporated

Part # APX809-31SA
Description  3-PIN MICROPROCESSOR RESET CIRCUITS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APX809-31SA Datasheet(HTML) 4 Page - Diodes Incorporated

  APX809-31SA Datasheet HTML 1Page - Diodes Incorporated APX809-31SA Datasheet HTML 2Page - Diodes Incorporated APX809-31SA Datasheet HTML 3Page - Diodes Incorporated APX809-31SA Datasheet HTML 4Page - Diodes Incorporated APX809-31SA Datasheet HTML 5Page - Diodes Incorporated APX809-31SA Datasheet HTML 6Page - Diodes Incorporated APX809-31SA Datasheet HTML 7Page - Diodes Incorporated APX809-31SA Datasheet HTML 8Page - Diodes Incorporated APX809-31SA Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
APX809/810
3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 3
4 of 9
MARCH 2008
www.diodes.com
© Diodes Incorporated
Typical Application Circuit
APX8XX
GND
RESET
(RESET)
V
CC
Microprocessor
V
CC
GND
RESET
INPUT
V
CC
CIN
100nF
Functional Description
A microprocessor’s (µP’s) reset input starts the µP in a known
state. The APX809/810 assert reset to prevent code-execution
errors during power-up, power-down, or brownout conditions.
They assert a reset signal whenever the VCC supply voltage
declines below a preset threshold, keeping it asserted for at least
240ms after VCC has risen above the reset threshold. The
APX809/810 have a push-pull output stage.
Ensuring a Valid Reset Output
Down to VCC = 0
RESET is guaranteed to be a logic low for V
CC > 1V. Once VCC
exceeds the reset threshold, an internal timer keeps
RESET
low for the reset timeout period; after this interval,
RESET
goes high.
If a brownout condition occurs (VCC dips below the
RESET reset threshold), RESET goes low. Any time
VCC goes below the reset threshold, the internal timer resets to
zero, and
RESET goes low. The internal timer starts after
VCC returns above the reset threshold, and
RESET remains
low for the reset timeout period.
When VCC falls below 1V, the APX809
RESET output no
longer sinks current—it becomes an open circuit. Therefore,
high-impedance CMOS logic inputs connected to
RESET can
drift to undetermined voltages.
This presents no problem in most applications since most µP and
other circuitry is inoperative with VCC below 1V. However, in
applications where
RESET must be valid down to 0V, adding a
pull down resistor to
RESET causes any stray leakage
currents to flow to ground, holding
RESET low. R1’s value is
not critical; 100k are large enough not to load
RESET and
small enough to pull
RESET to ground. For the APX810 if
RESET is required to remain valid for V
CC < 1V.
Benefits of Highly Accurate Reset Threshold
Most µP supervisor ICs has reset threshold voltages between
5% and 10% below the value of nominal supply voltages. This
ensures a reset will not occur within 5% of the nominal supply,
but will occur when the supply is 10% below nominal. When using
ICs rated at only the nominal supply ±5%, this leaves a zone of
uncertainty where the supply is between 5% and 10% low, and
where the reset may or may not be asserted.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com