Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L387A Datasheet(PDF) 1 Page - STMicroelectronics

Part # L387A
Description  VERY LOW DROP 5V REGULATOR WITH RESET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L387A Datasheet(HTML) 1 Page - STMicroelectronics

  L387A_03 Datasheet HTML 1Page - STMicroelectronics L387A_03 Datasheet HTML 2Page - STMicroelectronics L387A_03 Datasheet HTML 3Page - STMicroelectronics L387A_03 Datasheet HTML 4Page - STMicroelectronics L387A_03 Datasheet HTML 5Page - STMicroelectronics L387A_03 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
L387A
July 2003
VERY LOW DROP 5V REGULATOR WITH RESET
®
.
PRECISE OUTPUT VOLTAGE (5 V
± 4 %)
.
VERY LOW DROPOUT VOLTAGE
.
OUTPUT CURRENT IN EXCESS OF 500mA
.
POWER-ON,
POWER-OFF
INFORMATION
(RESET FUNCTION)
.
HIGH NOISE IMMUNITY ON RESET DELAY
CAPACITOR
ORDERING NUMBER : L387A
Pentawatt
®
The L387A is a very low drop voltage regulator in
a Pentawatt
® package specially designed to pro-
vide stabilized 5V supplies in consumer and in-
dustrial applications. Thanks to its very low in-
put/output voltage drop this device is very useful
in battery powered equipment, reducing con-
sumption and prolonging battery life. A reset out-
put makes the L387A particularly suitable for mi-
croprocessor systems. This output provides a re-
set signal when power is applied (after an exter-
nal programmable delay) and goes low when
DESCRIPTION
power is removed, inhibiting the microprocessor.
An hysteresis on reset delay capacitor raises the
immunity to the ground noise.
APPLICATION CIRCUIT
* Min 33
µF and max. ESR ≤ 3 Ω over temperature range.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vi
D.C. Input Voltage
35
V
Tj, Tstg
Junction and Storage Temperature Range
–55 to 150
°C
1/6
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - L387A_03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L387AH STMICROELECTRONICS-L387AH Datasheet
262Kb / 6P
VERY LOW DROP 5V REGULATOR WITH RESET
Jul-2003
More results

Similar Description - L387A_03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L387A STMICROELECTRONICS-L387A Datasheet
81Kb / 6P
VERY LOW DROP 5V REGULATOR WITH RESET
Oct-1991
L4922 STMICROELECTRONICS-L4922 Datasheet
50Kb / 6P
VERY LOW DROP REGULATOR WITH RESET
Jun-2000
L4923 STMICROELECTRONICS-L4923 Datasheet
53Kb / 6P
WITH RESET AND INHIBIT 5V.1A VERY LOW DROP REGULATOR
Jun-2000
L4941 STMICROELECTRONICS-L4941 Datasheet
948Kb / 14P
VERY LOW DROP 1A REGULATOR
Jan-2004
L4945 STMICROELECTRONICS-L4945 Datasheet
43Kb / 6P
5V VERY LOW DROP VOLTAGE REGULATOR
Mar-1999
L4947 STMICROELECTRONICS-L4947 Datasheet
57Kb / 6P
5V-0.5A VERY LOW DROP REGULATOR WITH RESET
Jun-2000
L4947PD STMICROELECTRONICS-L4947PD Datasheet
53Kb / 6P
5V-0.5A VERY LOW DROP REGULATOR WITH RESET
Jun-2000
L4941 STMICROELECTRONICS-L4941_06 Datasheet
952Kb / 17P
Very low drop 1A regulator
15-Sep-2006
L387AH STMICROELECTRONICS-L387AH Datasheet
262Kb / 6P
VERY LOW DROP 5V REGULATOR WITH RESET
Jul-2003
logo
List of Unclassifed Man...
L487 ETC2-L487 Datasheet
56Kb / 3P
VERY LOW DROP 5V VOLTAGE REGULATOR WITH RESET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com