Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP03H06DW Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP03H06DW
Description  60V NN-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP03H06DW Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP03H06DW Datasheet HTML 1Page - A POWER MICROELECTRONICS AP03H06DW Datasheet HTML 2Page - A POWER MICROELECTRONICS AP03H06DW Datasheet HTML 3Page - A POWER MICROELECTRONICS AP03H06DW Datasheet HTML 4Page - A POWER MICROELECTRONICS AP03H06DW Datasheet HTML 5Page - A POWER MICROELECTRONICS AP03H06DW Datasheet HTML 6Page - A POWER MICROELECTRONICS AP03H06DW Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP03H06DW
60V N+N-Channel Enhancement Mode MOSFET
AP03H06DW REV1.0
永源微電子科技有限公司
Description
The AP03H06DW uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 10V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 60V ID =0.3A
RDS(ON) < 1800mΩ @ VGS=10V (Type:1400mΩ)
ESD=1.6KV HBM
Application
Battery protection
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP03H06DW
SOT363-6L
03H06
3000
Absolute Maximum Ratings@Tj=25oC(unless otherwise specified)
Symbol
Parameter
Max.
Units
VDSS
Drain-Source Voltage
60
V
VGSS
Gate-Source Voltage
±20
V
ID@TC=25
℃
Continuous Drain Current, VGS @ 10V1
0.3
A
ID@TC=100
℃
Continuous Drain Current, VGS @ 10V1
0.15
A
IDM
Pulsed Drain Current
1
A
PD@TC=25
℃
Power Dissipation
0.38
W
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
℃
RθJA
Thermal Resistance Junction-Ambient 1
135
℃/W
RθJC
Thermal Resistance Junction-Case1
100
℃/W


Similar Part No. - AP03H06DW

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
AP0300A-00 ASI-AP0300A-00 Datasheet
14Kb / 1P
1SILICON PIN DIODE CHIP
REV. A
logo
List of Unclassifed Man...
AP0301-12 ETC-AP0301-12 Datasheet
1Mb / 36P
Bobbintron Electrical Corporation
AP0301-24 ETC-AP0301-24 Datasheet
1Mb / 36P
Bobbintron Electrical Corporation
logo
Teledyne Technologies I...
AP031 TELEDYNE-AP031 Datasheet
3Mb / 16P
High Definition Oscilloscopes
logo
Anachip Corp
AP033 ANACHIP-AP033 Datasheet
137Kb / 5P
1.5A Low Dropout Positive Fixed-Mode Regulator
Rev.1.0 Aug.27, 2004
More results

Similar Description - AP03H06DW

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
60V N-Channel Enhancement Mode MOSFET
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 10
logo
DONGGUAN YOU FENG WEI E...
YFW8H06S YFWDIODE-YFW8H06S Datasheet
1Mb / 5P
60V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW15H06S YFWDIODE-YFW15H06S Datasheet
1Mb / 5P
60V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW50H06NF YFWDIODE-YFW50H06NF Datasheet
1Mb / 5P
60V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW6946S YFWDIODE-YFW6946S Datasheet
1Mb / 5P
60V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFWG70H06NF YFWDIODE-YFWG70H06NF Datasheet
2Mb / 5P
60V NN-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com