Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS8352AL2-AX Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # PS8352AL2-AX
Description  ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS8352AL2-AX Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button PS8352AL2-AX Datasheet HTML 5Page - Renesas Technology Corp PS8352AL2-AX Datasheet HTML 6Page - Renesas Technology Corp PS8352AL2-AX Datasheet HTML 7Page - Renesas Technology Corp PS8352AL2-AX Datasheet HTML 8Page - Renesas Technology Corp PS8352AL2-AX Datasheet HTML 9Page - Renesas Technology Corp PS8352AL2-AX Datasheet HTML 10Page - Renesas Technology Corp PS8352AL2-AX Datasheet HTML 11Page - Renesas Technology Corp PS8352AL2-AX Datasheet HTML 12Page - Renesas Technology Corp PS8352AL2-AX Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
PS8352AL2
Chapter Title
R08DS0132EJ0101 Rev.1.01
Page 9 of 19
May 25, 2021
VDD1
VIN
VDD2
2 kΩ
10 kΩ
2 kΩ
0.1 F
SHIELD
+
–
+
–
0.1 F
0.01 F
+15 V
–15 V
0.1 F
0.1 F
NE5534
VOUT
1
2
3
4
8
7
6
5
IOSC
0.01 F
SHIELD
+
–
+
–
1
2
3
4
8
7
6
5
0.1 F
0.1 F
5 V
9 V
78L05
5 V
IOSC
0.01 F
SHIELD
+
–
+
–
1
2
3
4
8
7
6
5
0.1 F
0.1 F
5 V
5 V
10 kΩ
VDD2
2 kΩ
2 kΩ
0.1 F
0.1 F
SHIELD
+
–
+
–
0.1 F
PC813
VOUT
1
2
3
4
8
7
6
5
10 kΩ
150 pF
10 kΩ
150 pF
IN
OUT
VCM
+15 V
–15 V
–
+
0.1 F
0.1 F
+
-
+
-
μ
μ
μ
μ
μ
μ
μ
μ
μ
μ
μ
μ
μ
μ
μ
μ
μ
Fig. 7 |IOSC| Test Circuit
Fig. 8 tPD Test Circuit
Fig. 9 CMTI Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com