Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD10 Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # LD10
Description  Pan-Way® LD Surface Raceway System
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

LD10 Datasheet(HTML) 2 Page - PANDUIT CORP.

  LD10 Datasheet HTML 1Page - PANDUIT CORP. LD10 Datasheet HTML 2Page - PANDUIT CORP. LD10 Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Pan-Way® LD Surface Raceway System
www.panduit.com
CF
ICFC
OCFC
RAFC
ECF
TFC
DCF
RAEFX
FBA
LD Raceway
Wire Fill
Fittings
LD3
0.50
[12.7]
0.77
[19.6]
0.46
[11.7]
LD10
1.00
[25.4]
0.94
[23.9]
0.055
[1.4]
1.51
[38.4]
LD5
0.58
[14.8]
0.70
[17.8]
1.01
[25.8]
Raceway Type
and
Configuration
Fill
Area
(in²)
Electrical Cables
Data Grade Cables
24 AWG/UTP CM
Audio/Video
Fiber Optic Cable
14 AWG 12 AWG 10 AWG
THHN/T90
Cat. 5e - Plenum
Cat. 6
Cat. 6A
Cat. 6A (SD)
RG6
2 Strand
0.111
0.130
0.164
DIA = 0.193
DIA = 0.24
DIA = 0.30
DIA = 0.24
DIA = 0.275
DIA = 0.175
FILL
FILL
FILL
FILL
FILL
FILL
FILL
MAX
MAX
MAX
SPEC
MAX
SPEC
MAX
SPEC
MAX
SPEC
MAX
SPEC
MAX
SPEC
MAX
(UL Temp Rise Test)
(40%)
(60%)
(40%)
(60%)
(40%)
(60%)
(40%)
(60%)
(40%)
(60%)
(40%)
(60%)
LD3
0.21
**
**
**
2
4
1
2
1
1
1
2
1
2
3
5
LD5
0.38
**
**
**
5
7
3
5
2
3
3
5
2
3
6
9
LD10
1.00
**
**
**
13
20
8
13
5
8
8
13
6
10
16
24
For all cable options please see the Raceway cable fill calculator on https://www.panduit.com/en/support/tools1/calculators-and-design-tools.html
Dimensions are in inches. [Dimensions in brackets are metric].



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com