Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74AVC16245 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI74AVC16245
Description  2.5V 16-Bit Bidirectional Transceiver with 3-State Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74AVC16245 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI74AVC16245 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74AVC16245 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74AVC16245 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74AVC16245 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74AVC16245 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74AVC16245 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74AVC16245 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74AVC16245 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74AVC16245 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
PS8524A
08/08/06
PI74AVC+16245
2.5V 16-Bit Bidirectional
Transceiver with 3-State Outputs
1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345
1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345
1DIR
1B0
1B1
GND
1B2
1B3
VCC
1B4
1B5
GND
1B6
1B7
2B0
2B1
GND
2B2
2B3
VCC
2B4
2B5
GND
2B6
2B7
2DIR
1OE
1A0
1A1
GND
1A2
1A3
VCC
1A4
1A5
GND
1A6
1A7
2A0
2A1
GND
2B2
2A3
VCC
2A4
2A5
GND
2A6
2A7
2OE
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
Maximum Ratings (Above which the useful life may be impaired. For user guidelines, not tested.)
Supply voltage range, VCC .............................. –0.5V to+4.6V
Input voltage range, VI ....................................–0.5V to+4.6V
Voltage range applied to any output in the
high-impedance or power-off state, VO(1) ........–0.5V to+4.6V
Voltage range applied to any output in the
high or low state, VO(1,2) ........................... –0.5VtoVCC+0.5V
Input clamp current, IIK (VI < 0) ................................... –50mA
Output clamp current, IOK (VO < 0) .............................. –50mA
Continuous output current, IO .................................... ±50mA
Continuous current through each VCC or GND .......... ±100mA
Package thermal impedance,
θJA(3): package A .......... 64°C/W
package K ......... 48°C/W
Storage Temperature range, Tstg ......................–65°Cto150°C
1. Input & output negative-voltage ratings may be
exceeded if the input and output curent rating are observed.
2. Output positive-voltage rating may be exceeded up to 4.6V
maximum if the output current rating is observed.
3. The package thermal impedance is calculated in accordance with
JESD51.
Notes:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device.
This is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may
affect reliability.
s
t
u
p
n
Is
t
u
p
t
u
O
E
O
xR
I
D
x
LL
A
s
u
B
o
t
a
t
a
D
B
s
u
B
LH
B
s
u
B
o
t
a
t
a
D
A
s
u
B
HX
Z
Product Pin Description
Truth Table(1)
Product Pin Configuration
Notes:
1. H = High Signal Level
L = Low Signal Level
X = Don’t Care or Irrelevant
Z = High Impedance
e
m
a
N
n
i
Pn
o
i
t
p
i
r
c
s
e
D
O
xE
)
W
O
L
e
v
it
c
A
(
s
t
u
p
n
I
e
l
b
a
n
E
t
u
p
t
u
O
e
t
a
t
S
-
3
R
I
D
xt
u
p
n
I
l
o
r
t
n
o
C
n
o
it
c
e
ri
D
X
AX
s
t
u
p
n
I
e
t
a
t
S
-
3
r
o
s
t
u
p
n
I
A
e
d
i
S
X
BX
s
t
u
p
t
u
O
e
t
a
t
S
-
3
r
o
s
t
u
p
t
u
O
B
e
d
i
S
D
N
Gd
n
u
o
r
G
V C
C
r
e
w
o
P
06-0180



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com