Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB2545CT Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MBRB2545CT
Description  High-Voltage Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MBRB2545CT Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MBRB2545CT Datasheet HTML 1Page - Inchange Semiconductor Company Limited MBRB2545CT Datasheet HTML 2Page - Inchange Semiconductor Company Limited MBRB2545CT Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
High-Voltage Schottky Rectifier
MBRB2545CT
www.iscsemi.com
1
FEATURES
· Low Forward Voltage Drop
· High Frequency Operation
· Low Power Losses, High Efficiency
APPLICATIONS
· Switching Power Supplies
· Converters
· Freewheeling Diodes
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
45
V
IF(AV)
Average Rectified Forward Current
15×2
A
IFSM
Non-repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions Half ave, Single Phase,
60Hz )
150
A
TJ
Max. Junction Temperature
175
℃
Tstg
Storage Temperature Range
-65~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.5
℃
/W


Similar Part No. - MBRB2545CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRB2545CT MOTOROLA-MBRB2545CT Datasheet
109Kb / 6P
SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
logo
General Semiconductor
MBRB2545CT GE-MBRB2545CT Datasheet
97Kb / 2P
SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBRB2545CT MCC-MBRB2545CT Datasheet
86Kb / 2P
25 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
GOOD-ARK Electronics
MBRB2545CT GOOD-ARK-MBRB2545CT Datasheet
259Kb / 3P
Dual Schottky Barrier Rectifiers
logo
Galaxy Semi-Conductor H...
MBRB2545CT BILIN-MBRB2545CT Datasheet
203Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBRB2545CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SB5H90 VISHAY-SB5H90 Datasheet
70Kb / 2P
High Voltage Schottky Rectifier
16-Aug-04
SB3H90 VISHAY-SB3H90 Datasheet
21Kb / 2P
High Voltage Schottky Rectifier
1-Jul-02
logo
AUK corp
SDB10100PI AUK-SDB10100PI Datasheet
217Kb / 4P
High Voltage Schottky Rectifier
logo
KODENSHI_AUK CORP.
SDB20D80D2 KODENSHI-SDB20D80D2 Datasheet
260Kb / 5P
HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB8100PH KODENSHI-SDB8100PH Datasheet
287Kb / 5P
HIGH VOLTAGE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SB3H90 VISHAY-SB3H90_11 Datasheet
77Kb / 4P
High-Voltage Schottky Rectifier
19-Aug-11
MBR1090 VISHAY-MBR1090_12 Datasheet
116Kb / 4P
High-Voltage Schottky Rectifier
30-Nov-10
logo
KODENSHI_AUK CORP.
SDB10S100D2-1 KODENSHI-SDB10S100D2-1 Datasheet
252Kb / 5P
HIGH VOLTAGE SCHOTTKY RECTIFIER
SDB30D100D2 KODENSHI-SDB30D100D2 Datasheet
282Kb / 5P
HIGH VOLTAGE SCHOTTKY RECTIFIER
logo
Shanghai Leiditech Elec...
MBRB10100 LEIDITECH-MBRB10100 Datasheet
786Kb / 3P
High-Voltage Schottky Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com