Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3N120MP Datasheet(PDF) 5 Page - A POWER MICROELECTRONICS

Part # AP3N120MP
Description  1200V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP3N120MP Datasheet(HTML) 5 Page - A POWER MICROELECTRONICS

  AP3N120MP Datasheet HTML 1Page - A POWER MICROELECTRONICS AP3N120MP Datasheet HTML 2Page - A POWER MICROELECTRONICS AP3N120MP Datasheet HTML 3Page - A POWER MICROELECTRONICS AP3N120MP Datasheet HTML 4Page - A POWER MICROELECTRONICS AP3N120MP Datasheet HTML 5Page - A POWER MICROELECTRONICS AP3N120MP Datasheet HTML 6Page - A POWER MICROELECTRONICS AP3N120MP Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AP3N120MP
1200V N-Channel Enhancement Mode MOSFET
AP3N120MP RVE1.0
永源微電子科技有限公司
Package Mechanical Data-TO-247-3L
Dim.
Min.
Max.
A
15.0
16. 0
B
20.0
21.0
C
41.0
42.0
D
5.0
6.0
E
4.0
5.0
F
2.5
3.5
G
1.75
2.5
H
3.0
3.5
I
8.0
10.0
J
4.9
5.1
K
1.9
2.1
L
3.5
4.0
M
4.75
5.25
N
2.0
3.0
O
0.55
0.75
P
Typ 5.08
Q
1.2
1.3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com