Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9151 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # PS9151
Description  HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9151 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button PS9151 Datasheet HTML 5Page - Renesas Technology Corp PS9151 Datasheet HTML 6Page - Renesas Technology Corp PS9151 Datasheet HTML 7Page - Renesas Technology Corp PS9151 Datasheet HTML 8Page - Renesas Technology Corp PS9151 Datasheet HTML 9Page - Renesas Technology Corp PS9151 Datasheet HTML 10Page - Renesas Technology Corp PS9151 Datasheet HTML 11Page - Renesas Technology Corp PS9151 Datasheet HTML 12Page - Renesas Technology Corp PS9151 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
PS9151 e
R08DS0108EJ0301 Rev.3.01
Page 11 of 12
May 30, 2018
Method a) Destructive Test, Type and Sample Test
Method b) Non-destructive Test, 100% Production Test
t1
tini
t2
t3
tm
t4
UIOTM =6000V
Upr =1131V
UIORM =707V
V
t
t1,t2 = 1 to 10 sec
t3,t4 = 1 sec
tm(PARTIAL DISCHARGE)= 10 sec
ttest = 12 sec
tini = 60 sec
ttest
Upr =1326V
UIORM =707V
t3
t4
V
t3,t4 = 0.1 sec
tm(PARTIAL DISCHARGE)= 1.0 sec
ttest = 1.2 sec
ttest
t
tm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com