Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9124-AX Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # PS9124-AX
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9124-AX Datasheet(HTML) 2 Page - Renesas Technology Corp

  PS9124-AX Datasheet HTML 1Page - Renesas Technology Corp PS9124-AX Datasheet HTML 2Page - Renesas Technology Corp PS9124-AX Datasheet HTML 3Page - Renesas Technology Corp PS9124-AX Datasheet HTML 4Page - Renesas Technology Corp PS9124-AX Datasheet HTML 5Page - Renesas Technology Corp PS9124-AX Datasheet HTML 6Page - Renesas Technology Corp PS9124-AX Datasheet HTML 7Page - Renesas Technology Corp PS9124-AX Datasheet HTML 8Page - Renesas Technology Corp PS9124-AX Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
PS9124
Chapter Title
R08DS0049EJ0101 Rev.1.01
Page 2 of 16
Oct 29, 2018
PACKAGE DIMENSIONS (UNIT: mm)
Weight: 0.08g (typ.)
PHOTOCOUPLER CONSTRUCTION
Parameter
PS9124
Air Distance (MIN.)
4.2 mm
Creepage Distance (MIN.)
4.2 mm
Isolation Distance (MIN.)
0.2 mm
1.27
0.4+0.10
–0.05
0.25 M
(4.4)*1
7.0±0.3
0.5±0.3
3.4 +0.3
–0.1
5
3
1
2
4
*1 ( ) indicates reference dimension.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com