Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP-K2N Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # AP-K2N
Description  4.5mm pitch/Disconnectable Crimp style Wire-to-wire connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

AP-K2N Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  AP-K2N Datasheet HTML 1Page - JST Mfg. Co., Ltd. AP-K2N Datasheet HTML 2Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
YLN CONNECTOR
19.5
4.4
2
1.1
14.2
4.4
2
1.1
Material and Finish
Model No.
mm2
AWG #
Insulation O.D.
(mm)
Applicable wire
Q'ty /
reel
Pin contact
Socket contact
SYM-01T-P0.5A
SYM-41T-P0.5A
SYF-01T-P0.5A
SYF-41T-P0.5A
0.13
∼0.5
0.5
∼1.25
0.3
+0.3
∼
0.5
+0.5
26
∼20
20
∼16
22
+22
∼
20+20
1.3
∼2.5
2.0
∼3.4
1.5+1.5
∼
2.0+2.0
Phosphor bronze, tin-plated (reflow treatment)
4,000
SYM-01T-P0.5A
5,000
(     )
Pin contact
Socket contact
RoHS compliance
Note: 1. Contact JST for special products.
2. Retainers cannot be used with electric wire whose insulation O.D.
exceeds 2.7mm and AWG #16.
Material: Housing...PA 66, UL94V-0, natural (white)
Retainer...Glass-filled PA 66, UL94V-0, natural (ivory)
RoHS compliance
Note: Current rating in parentheses is for use with AWG #16 wire. (Retainers are not mountable.)
Q'ty /
bag
Q'ty /
bag
Q'ty /
bag
Q'ty /
bag
Q'ty /
bag
Q'ty /
bag
4
300V
YLNR-04VF
YLNR-06VF
200
250
YLNP-04V
YLNP-06V
YLS-03V
(Used with both housings
with 3 and 6 circuits)
YLS-02V
(Used with both housings
with 2 and 4 circuits)
200
250
1,000
1,000
L
 JST
15.3
20.9
L JST
16.1
26.6
No.1 hole mark
26.6
20.9
2.9
2.9
6A
(9A)
6
300V
5A
(8A)
No.1 hole mark
No.1 hole mark
No.1 hole mark
L JST
16.1
L JST
15.3
Retainer
Q'ty /
bag
Q'ty /
bag
Voltage
rating
Q'ty /
bag
Q'ty /
bag
Q'ty /
bag
Q'ty /
bag
2
300V
YLNR-02VF
YLNR-03VF
250
250
YLNP-02V
YLNP-03V
YLS-03V
(Used with both housings
with 3 and 6 circuits)
YLS-02V
(Used with both housings
with 2 and 4 circuits)
500
500
1,000
1,000
10.2
2.9
2.9
Circuits
Receptacle housing(for pin contact)
Plug housing(for socket contact)
Current
rating
7A
(10A)
3
300V
6A
(9A)
10.8
26.6
No.1 hole mark
10.8
26.6
No.1 hole mark
10.2
20.9
20.9
No.1
hole mark
No.1
hole mark
Note: *Strip-crimp applicator
MKS-L
*
MKS-SC-YL
MKS-L
*
MKS-SC-YL
SYM-01T-P0.5A
SYF-01T-P0.5A
SYM-41T-P0.5A
SYF-41T-P0.5A
Contact
Crimping
machine
Crimp applicator with dies
AP-K2N
MK/SYF/M-01-05
SC/SYF/M-01-05
MK/SYF/M-41-05
SC/SYF/M-41-05
Crimp applicator
Dies
APLMK SYF/M01-05
APLSC SYF/M01-05
APLMK SYF/M41-05
APLSC SYF/M41-05
Applicator
Contact
Housing



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com