Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD4USB3B-TTS Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PESD4USB3B-TTS
Description  TrEOS ESD protection for Automotive Infotainment & SerDes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD4USB3B-TTS Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PESD4USB3B-TTS Datasheet HTML 1Page - Nexperia B.V. All rights reserved PESD4USB3B-TTS Datasheet HTML 2Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Nexperia‘s TrEOS Protection offers the ideal combination of low capacitance, low clamping
voltage and high ESD robustness for your design. Helping safeguard 10 Gbps data lines
systems in automotive applications against ESD and surge events while being AEC-Q101
qualified.
Automotive TrEOS Protection
Optimizing the three pillars of ESD protection:
1. Low capacitance for highest signal integrity down to 0.2 pF
2. Low clamping & trigger for enhanced system protection
down to 0.4 Ω (R
dyn)
3. High robustness against ESD up to 15 kV & Surge up to 7 A
at 8/20 μs
The ideal combination for every design
TrEOS ESD protection
for Automotive Infotainment & SerDes
ESD protection for Automotive Infotainment USB 3.2, HDMI & LVDS
Functions & Applications
› Infotainment applications: USB 2.0, SuperSpeed USB 3.2 at
10 Gps, HDMI, HDBaseT
› Automotive A/V monitors, display and cameras
› SerDes: GMSL, FPD-Link, LVDS, APIX
Key features
› Available in specifications between 3.3 V and 5 V V
RWM
› Extremely fast switching time under 1 ns
› Snap-back technology allows for lowest clamping voltage
› Suitable for up to ~10Gbps per line pair
› Reliable protection for sensitive transceiver SoCs
› Ultra-low dynamic resistance/ capacitance combination
› Exceeding IEC61000-4-2 level 4, offering IEC61000-4-5
grade robustness
› Available in automotive grade leaded and leadless
packages SOT23 , DFN2510A-10 (SOT1176) and
DFN2510D-10 (SOT1165D, SOT1176D). More are in
development, e.g. DFN1006BD-2 with side-wettable flanks
System Protect
(clamping)
Signal Integrity
(capacitance)
NFC
USB 2.0
Supply
lines
Keypad
Buttons
USB4/3.2
Automotive
IVN Protection
Complexity of
ESD protection


Similar Part No. - PESD4USB3B-TTS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD4USB3B-TTS NEXPERIA-PESD4USB3B-TTS Datasheet
243Kb / 11P
ESD protection for high-speed interfaces
11 August 2022
PESD4USB3B-TTS NEXPERIA-PESD4USB3B-TTS Datasheet
244Kb / 11P
ESD protection for high-speed interfaces
15 March 2021
PESD4USB3B-TTSAX NEXPERIA-PESD4USB3B-TTSAX Datasheet
244Kb / 11P
ESD protection for high-speed interfaces
15 March 2021
PESD4USB3B-TTSX NEXPERIA-PESD4USB3B-TTSX Datasheet
244Kb / 11P
ESD protection for high-speed interfaces
15 March 2021
PESD4USB3B-TTS NEXPERIA-PESD4USB3B-TTS_V01 Datasheet
244Kb / 11P
ESD protection for high-speed interfaces
15 March 2021
More results

Similar Description - PESD4USB3B-TTS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA25LY STMICROELECTRONICS-ESDA25LY Datasheet
95Kb / 10P
Automotive dual Transil array for ESD protection
01-Feb-2010
ESDALY STMICROELECTRONICS-ESDALY Datasheet
205Kb / 10P
Automotive dual Transil array for ESD protection
16-Feb-2012
ESDASCY STMICROELECTRONICS-ESDASCY Datasheet
235Kb / 12P
Automotive quad Transil™ array for ESD protection
September 2012 Rev 1
logo
TDK Electronics
CGA3EAC0G2A102J080AA TDK-CGA3EAC0G2A102J080AA Datasheet
131Kb / 1P
Automotive Grade ( ESD Protection )
CGA3EANP02A102J080AA TDK-CGA3EANP02A102J080AA Datasheet
131Kb / 1P
Automotive Grade ( ESD Protection )
logo
STMicroelectronics
STEVAL-OET003V1 STMICROELECTRONICS-STEVAL-OET003V1 Datasheet
828Kb / 10P
Evaluation board for automotive-grade ESD protection
26-Aug-2016
logo
Nexperia B.V. All right...
PESD2USB3UV-T NEXPERIA-PESD2USB3UV-T Datasheet
273Kb / 12P
Automotive infotainment ESD protection diode
9 September 2020
PESD2USB3UX-T NEXPERIA-PESD2USB3UX-T Datasheet
270Kb / 12P
Automotive infotainment ESD protection diode
9 September 2020
PESD2USB5UV-T NEXPERIA-PESD2USB5UV-T Datasheet
274Kb / 12P
Automotive infotainment ESD protection diode
9 September 2020
PESD2USB5UX-T NEXPERIA-PESD2USB5UX-T Datasheet
271Kb / 12P
Automotive infotainment ESD protection diode
9 September 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com