Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2513 Datasheet(PDF) 20 Page - SMSC Corporation

Part # USB2513
Description  USB 2.0 High-Speed 3-Port Hub Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2513 Datasheet(HTML) 20 Page - SMSC Corporation

Back Button USB2513 Datasheet HTML 16Page - SMSC Corporation USB2513 Datasheet HTML 17Page - SMSC Corporation USB2513 Datasheet HTML 18Page - SMSC Corporation USB2513 Datasheet HTML 19Page - SMSC Corporation USB2513 Datasheet HTML 20Page - SMSC Corporation USB2513 Datasheet HTML 21Page - SMSC Corporation USB2513 Datasheet HTML 22Page - SMSC Corporation USB2513 Datasheet HTML 23Page - SMSC Corporation USB2513 Datasheet HTML 24Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
USB 2.0 High-Speed 3-Port Hub Controller
Datasheet
Revision 1.98 (11-19-07)
20
SMSC USB2513
DATASHEET
4.3.1.1
Register 00h: Vendor ID (LSB)
4.3.1.2
Register 01h: Vendor ID (MSB)
15h
R/W
SER_STR_LEN
SERSL
00h
0x00
16h-53h
R/W
MFR_STR
MANSTR
00h
0x00
54h-91h
R/W
PROD_STR
PRDSTR
00h
0x00
92h-Cfh
R/W
SER_STR
SERSTR
00h
0x00
D0h-F5h
R/W
Reserved
N/A
01h
0x00
F6h
R/W
Boost_Up
BOOSTUP
00h
0x00
F7h
R/W
Reserved
N/A
00h
0x00
F8h
R/W
Boost_3:0
BOOST30
00h
0x00
F9h
R/W
Reserved
N/A
00h
0x00
FAh
R/W
Port Swap
PRTSP
00h
0x00
FBh
R/W
Port Remap 12
PRTR12
00h
0x00
FCh
R/W
Port Remap 3
PRTR3
00h
0x00
FDh-FEh
R/W
Reserved
N/A
00h
0x00
FFh
R/W
Status/Command
Note:
SMBus register
only
STCD
00h
0x00
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
VID_LSB
Least Significant Byte of the Vendor ID. This is a 16-bit value that uniquely
identifies the Vendor of the user device (assigned by USB-Interface Forum).
This field is set by the OEM using either the SMBus or EEPROM interface
options.
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
VID_MSB
Most Significant Byte of the Vendor ID. This is a 16-bit value that uniquely
identifies the Vendor of the user device (assigned by USB-Interface Forum).
This field is set by the OEM using either the SMBus or EEPROM interface
options.
Table 4.2 Internal Default, EEPROM and SMBus Register Memory Map (continued)
REG
ADDR
R/W
REGISTER NAME
ABBR
INTERNAL
DEFAULT ROM
SMBUS AND
EEPROM POR
VALUES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com