Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27V402 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M27V402
Description  4 Mbit (256Kb x 16) Low Voltage UV EPROM and OTP EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27V402 Datasheet(HTML) 1 Page - STMicroelectronics

  M27V402 Datasheet HTML 1Page - STMicroelectronics M27V402 Datasheet HTML 2Page - STMicroelectronics M27V402 Datasheet HTML 3Page - STMicroelectronics M27V402 Datasheet HTML 4Page - STMicroelectronics M27V402 Datasheet HTML 5Page - STMicroelectronics M27V402 Datasheet HTML 6Page - STMicroelectronics M27V402 Datasheet HTML 7Page - STMicroelectronics M27V402 Datasheet HTML 8Page - STMicroelectronics M27V402 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
May 1998
M27V402
4 Mbit (256Kb x 16) Low Voltage UV EPROM and OTP EPROM
s
LOW VOLTAGE READ OPERATION:
3V to 3.6V
s
FAST ACCESS TIME: 120ns
s
LOW POWER CONSUMPTION:
– Active Current 15mA at 5MHz
– Standby Current 20
µA
s
PROGRAMMING VOLTAGE: 12.75V
± 0.25V
s
PROGRAMMING TIME: 100
µs/byte (typical)
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Device Code: 8Dh
DESCRIPTION
The M27V402 is a low voltage, low power 4 Mbit
UV
erasable
and
electrically
programmable
EPROM, ideally suited for handheld and portable
microprocessor systems requiring large programs.
It is organized as 262,144 by 16 bits.
The M27V402 operates in the read mode with a
supply voltage as low as 3V. The decrease in op-
erating power allows either a reduction of the size
of the battery or an increase in the time between
battery recharges.
The FDIP40W (window ceramic frit-seal package)
has a transparent lid which allows the user to ex-
pose the chip to ultraviolet light to erase the bit pat-
tern. A new pattern can then be written to the
device by following the programming procedure.
1
40
1
40
FDIP40W (F)
PDIP40 (B)
PLCC44 (K)
TSOP40 (N)
10 x 20 mm
Figure 1. Logic Diagram
AI01819
18
A0-A17
Q0-Q15
VPP
VCC
M27V402
VSS
16
G
E
Table 1. Signal Names
A0-A17
Address Inputs
Q0-Q15
Data Outputs
E
Chip Enable
G
Output Enable
VPP
Program Supply
VCC
Supply Voltage
VSS
Ground


Similar Part No. - M27V402

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27V402-120K1TR STMICROELECTRONICS-M27V402-120K1TR Datasheet
120Kb / 13P
4 Mbit (512Kb x 8) Low Voltage OTP EPROM
M27V402-120K4TR STMICROELECTRONICS-M27V402-120K4TR Datasheet
120Kb / 13P
4 Mbit (512Kb x 8) Low Voltage OTP EPROM
M27V402-120K5TR STMICROELECTRONICS-M27V402-120K5TR Datasheet
120Kb / 13P
4 Mbit (512Kb x 8) Low Voltage OTP EPROM
M27V402-120K6TR STMICROELECTRONICS-M27V402-120K6TR Datasheet
120Kb / 13P
4 Mbit (512Kb x 8) Low Voltage OTP EPROM
M27V402-120N1TR STMICROELECTRONICS-M27V402-120N1TR Datasheet
120Kb / 13P
4 Mbit (512Kb x 8) Low Voltage OTP EPROM
More results

Similar Description - M27V402

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27V201 STMICROELECTRONICS-M27V201 Datasheet
103Kb / 15P
2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
M27W201 STMICROELECTRONICS-M27W201 Datasheet
170Kb / 16P
2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM
24-Oct-2001
M27W402 STMICROELECTRONICS-M27W402 Datasheet
103Kb / 15P
4 Mbit 256Kb x16 Low Voltage UV EPROM and OTP EPROM
15-Mar-2000
M27C4002 STMICROELECTRONICS-M27C4002 Datasheet
196Kb / 18P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
30-Aug-2001
M27C2001 STMICROELECTRONICS-M27C2001_06 Datasheet
227Kb / 25P
2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
10-May-2006
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
06-Apr-2006
M27C2001 STMICROELECTRONICS-M27C2001_99 Datasheet
115Kb / 16P
2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
Apr-1999
M27W201 STMICROELECTRONICS-M27W201_06 Datasheet
231Kb / 24P
2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
12-Apr-2006
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
06-Apr-2006
M27C2001-12C1 STMICROELECTRONICS-M27C2001-12C1 Datasheet
261Kb / 25P
2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
10-May-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com