Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RG178 Datasheet(PDF) 1 Page - Multicomp Pro

Part # RG178
Description  Coaxial Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

RG178 Datasheet(HTML) 1 Page - Multicomp Pro

  RG178 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
17/01/22
Coaxial Cable
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Cable, Coax, RG178,100m
RG178
Construction
Item
Material
Diameter
(Inch)
(mm)
Inner Conductor
Silver Plated Copper Clad Steel 7 / 0.004 ±0.001
7 / 0.1 ±0.02
Dielectric
PTFE
0.033 ±0.002
0.84 ±0.05
Shield
95% Silver Plated Copper Braid
0.051 ±0.003
1.3 ±0.08
Jacket
FEP
0.071 ±0.004
1.8 ±0.1
Electrical Characteristics
Impedance
: 50Ω ±2Ω
Capacitance
: 96.5pF/m
Velocity of Propagation
: 69.5%
Conductor DCR
: 800.5Ω/km
Outer shield DCR
: 47.9Ω/km
Max. Operating Frequency : 3000MHz
Max. Operating Voltage
: 1000Vrms
Corona Extinction Voltage
: 1000Vrms
Voltage Withstand
: 2000Vrms
Spark Test
: 2000Vrms
Operating Temp. Range
: -55°C to +200°C
Attenuation (@20°C)
Frequency
(MHz)
Max. Attenuation
(dB/100ft)
Max. Attenuation
(dB/100m)
10
5.6
18.4
50
10.5
34.4
100
14
45.9
200
19
62.3
400
28
91.9
700
37
121.4
900
42.5
139.4
1,000
46
150.9
3,000
81
265.7


Similar Part No. - RG178

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RG178 ETC1-RG178 Datasheet
34Kb / 1P
Cable, Coax, RG178,100 M
logo
Harwin Plc
RG178 HARWIN-RG178 Datasheet
442Kb / 14P
Component Specification M80 & M83 Series Rectangular Connectors
November 2022
logo
Qualwave Inc. All right...
RG178 QUALWAVE-RG178 Datasheet
119Kb / 1P
Flexible RF Cables & Assemblies
Rev 1.1
logo
ITT Industries
RG178/U ITT-RG178/U Datasheet
452Kb / 39P
RF Coaxial Connectors
logo
Pasternack Enterprises,...
RG178B-U PASTERNACK-RG178B-U Datasheet
360Kb / 3P
Flexible RG178 Coax Cable Single Shielded with Tan FEP Jacket
More results

Similar Description - RG178

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
047-12SMP MINI-047-12SMP Datasheet
287Kb / 2P
Coaxial Cable
047-12SMPR MINI-047-12SMPR Datasheet
291Kb / 2P
Coaxial Cable
047-6SMPRC MINI-047-6SMPRC Datasheet
291Kb / 2P
Coaxial Cable
086-3SMR MINI-086-3SMR Datasheet
358Kb / 2P
Coaxial Cable
086-5SM MINI-086-5SM Datasheet
561Kb / 3P
Coaxial Cable
086-8SM MINI-086-8SM Datasheet
558Kb / 3P
Coaxial Cable
086-9SM MINI-086-9SM Datasheet
564Kb / 3P
Coaxial Cable
086-4SBSMR MINI-086-4SBSMR Datasheet
388Kb / 2P
Coaxial Cable
086-6SMRC MINI-086-6SMRC Datasheet
284Kb / 2P
Coaxial Cable
086-7SBSM MINI-086-7SBSM Datasheet
441Kb / 2P
Coaxial Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com