Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM640 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM640
Description  Video/Imaging Fixed-Point Digital Signal Processors
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM640 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TMS320DM640 Datasheet HTML 40Page - Texas Instruments TMS320DM640 Datasheet HTML 41Page - Texas Instruments TMS320DM640 Datasheet HTML 42Page - Texas Instruments TMS320DM640 Datasheet HTML 43Page - Texas Instruments TMS320DM640 Datasheet HTML 44Page - Texas Instruments TMS320DM640 Datasheet HTML 45Page - Texas Instruments TMS320DM640 Datasheet HTML 46Page - Texas Instruments TMS320DM640 Datasheet HTML 47Page - Texas Instruments TMS320DM640 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 179 page
background image
Pin Assignments
44
June 2003 − Revised October 2005
SPRS222E
Table 1−6. Terminal Functions (Continued)
SIGNAL
TYPE†
IPD/
DESCRIPTION
NAME
DM641
DM640
TYPE†
IPD/
IPU‡
DESCRIPTION
RESETS, INTERRUPTS, AND GENERAL-PURPOSE INPUT/OUTPUTS
RESET
P4
P4
I
Device reset
NMI
B4
B4
I
IPD
Nonmaskable interrupt, edge-driven (rising edge)
Note: Any noise on the NMI pin may trigger an NMI interrupt; therefore, if the
NMI pin is not used, it is recommended that the NMI pin be grounded versus
relying on the IPD.
GP0[7]/EXT_INT7
E1
E1
I/O/Z
IPU
General-purpose input/output (GPIO) pins (I/O/Z) or external interrupts
(it
l ) Th d f l f
i
i GPIO
bl d
i
l
GP0[6]/EXT_INT6
F2
F2
I/O/Z
IPU
pp
p
p
(
) p
(
)p
(input only). The default after reset setting is GPIO enabled as input-only.
• When these pins function as External Interrupts [by selecting the
GP0[5]/EXT_INT5
F3
F3
I/O/Z
IPU
• When these pins function as External Interrupts [by selecting the
corresponding interrupt enable register bit (IER.[7:4])], they are
edge driven and the polarity can be independently selected via the
GP0[4]/EXT_INT4
F4
F4
I/O/Z
IPU
edge-driven and the polarity can be independently selected via the
External Interrupt Polarity Register bits (EXTPOL.[3:0]).
GP0[3]
L5
L5
I/O/Z
IPD
The general-purpose 0 pin (GP0[3]) (I/O/Z).
GP0[0]
M5
M5
I/O/Z
IPD
GP0 0 pin (I/O/Z) [default]
This pin can be programmed as GPIO 0 (input only) [default] or as GP0[0]
(output only) pin or output as a general-purpose interrupt (GP0INT) signal
(output only).
Note: This pin must remain low during device reset.
CLKOUT6/
GP0[2]§
C6
C6
I/O/Z
IPU
Clock output at 1/6 of the device speed (O/Z) [default] or this pin can be
programmed as a GP0 2 pin (I/O/Z).
CLKOUT4/
GP0[1]§
D6
D6
I/O/Z
IPU
Clock output at 1/4 of the device speed (O/Z) [default] or this pin can be
programmed as a GP0 1 pin (I/O/Z).
HOST-PORT INTERFACE (HPI) [DM641 ONLY]
HINT
N4
—
I/O/Z
Host interrupt from DSP to host (O) [default]
HCNTL1
P1
—
I/O/Z
Host control − selects between control, address, or data registers (I) [default]
HCNTL0
R3
—
I/O/Z
Host control − selects between control, address, or data registers (I) [default]
HHWIL
N3
—
I/O/Z
Host half-word select − first or second half-word (not necessarily high or low
order) [For HPI16 bus width selection only] (I) [default]
HR/W
M1
—
I/O/Z
Host read or write select (I) [default]
HAS
P3
—
I/O/Z
Host address strobe (I) [default]
HCS
R1
—
I/O/Z
Host chip select (I) [default]
HDS1
R2
—
I/O/Z
Host data strobe 1 (I) [default]
HDS2
T2
—
I/O/Z
Host data strobe 2 (I) [default]
HRDY
N1
—
I/O/Z
Host ready from DSP to host (O) [default]
† I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground
‡ IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal to the opposite
supply rail, a 1-kΩ resistor should be used.)
§ These pins are multiplexed pins. For more details, see the Device Configurations section of this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com