| Electronic Components Datasheet Search |
|
TLE2141IP Datasheet(PDF) 45 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2141IP Datasheet(HTML) 45 Page - Texas Instruments |
|
45 / 72 page ![]() TLE214x, TLE214xA EXCALIBUR LOW NOISE HIGHSPEED PRECISION OPERATIONAL AMPLIFIERS SLOS183C − FEBRUARY 1997 − REVISED JUNE 2006 45 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS Table of Graphs FIGURE VIO Input offset voltage Distribution 1, 2, 3 IIO Input offset current vs Free-air temperature 4 IIB Input bias current vs Common-mode input voltage 5 IIB Input bias current vs Common-mode input voltage vs Free-air temperature 5 6 vs Supply voltage 7 VOM + Maximum positive peak output voltage vs Supply voltage vs Free-air temperature 7 8 VOM + Maximum positive peak output voltage vs Free-air temperature vs Output current vs Settling time 8 9 11 vs Output current vs Settling time 9 11 vs Supply voltage 7 VOM − Maximum negative peak output voltage vs Supply voltage vs Free-air temperature 7 8 VOM − Maximum negative peak output voltage vs Free-air temperature vs Output current vs Settling time 8 10 11 vs Output current vs Settling time 10 11 VO(PP) Maximum peak-to-peak output voltage vs Frequency 12 VOH High-level output voltage vs Output current 13 VOL Low-level output voltage vs Output current 14 AVD Large-signal differential voltage amplification vs Frequency 15 AVD Large-signal differential voltage amplification vs Frequency vs Free-air temperature 15 16 zo Closed-loop output impedance vs Frequency 17 IOS Short-circuit output current vs Free-air temperature 18 CMRR Common-mode rejection ratio vs Frequency 19 CMRR Common-mode rejection ratio vs Frequency vs Free-air temperature 19 20 kSVR Supply-voltage rejection ratio vs Frequency 21 kSVR Supply-voltage rejection ratio vs Frequency vs Free-air temperature 21 22 ICC Supply current vs Supply voltage 23 ICC Supply current vs Supply voltage vs Free-air temperature 23 24 Vn Equivalent input noise voltage vs Frequency 25 Vn Input noise voltage Over a 10-second period 26 In Noise current vs Frequency 27 THD + N Total harmonic distortion plus noise vs Frequency 28 SR Slew rate vs Free-air temperature 29 SR Slew rate vs Free-air temperature vs Load capacitance 29 30 Noninverting large signal vs Time 31 Pulse response Inverting large signal vs Time 32 Pulse response Small signal vs Time 33 B1 Unity-gain bandwidth vs Load capacitance 34 Gain margin vs Load capacitance 35 φm Phase margin vs Load capacitance 36 Phase shift vs Frequency 15 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |