Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP5669 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # SP5669
Description  2.7GHz I2C Bus Controlled Synthesiser
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5669 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  SP5669_97 Datasheet HTML 1Page - Mitel Networks Corporation SP5669_97 Datasheet HTML 2Page - Mitel Networks Corporation SP5669_97 Datasheet HTML 3Page - Mitel Networks Corporation SP5669_97 Datasheet HTML 4Page - Mitel Networks Corporation SP5669_97 Datasheet HTML 5Page - Mitel Networks Corporation SP5669_97 Datasheet HTML 6Page - Mitel Networks Corporation SP5669_97 Datasheet HTML 7Page - Mitel Networks Corporation SP5669_97 Datasheet HTML 8Page - Mitel Networks Corporation SP5669_97 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ORDERING INFORMATION
SP5669/KG/MP1S (Tubes)
SP5669/KG/MP1T (Tape and reel)
The SP5669 is a single chip frequency synthesiser
designed for tuning systems up to 2.7GHz and offers step size
compatible with DTT offset requirements.
The RF preamplifier drives a divide by two prescaler which
can be disabled for applications up to 2GHz, allowing direct
interfacing with the programmable divider so enabling a step
size equal to the comparison frequency. For applications up to
2.7GHz the divide by two is enabled, giving a step size of twice
the comparison frequency.
The comparison frequency is obtained either from an on–
chip crystal controlled oscillator, or from an external source.
The oscillator frequency F
ref or the comparison frequency
F
comp may be switched to the REF/COMP output. This feature
is ideally suited to providing the reference frequency for a
second synthesiser such as in a double conversion tuner (see
Fig. 8).
The synthesiser is controlled via an I 2 C bus, and responds
to one of four programmable addresses which are selected by
applying a specific voltage to the ‘address’ input. This feature
enables two or more synthesisers to be used in a system.
The device contains four switching ports P0–P3 and a
5–level ADC. The output of the ADC can be read via the I 2 C
bus.
The device also contains a varactor line disable and charge
pump disable facility.
Fig.1 Pin connections - top view
FEATURES
s
Complete 2.7GHz single chip system
s
Compatible with UK DTT offset requirements
s
Optimised for low phase noise
s
Selectable divide by two prescaler
s
Selectable reference division ratio
s
Selectable reference/comparison frequency output
s
Selectable charge pump current
s
Four selectable I2C bus address
s
5–level ADC
s
Pin compatible with the SP5658 3–wire bus
controlled synthesiser and SP5659 I2C bus
synthesiser and SP5659 I2C bus synthesiser
s
ESD protection; (Normal ESD handling
procedures should be observed)
APPLICATIONS
s
SAT, TV, VCR and Cable tuning systems
116
1
MP16
CHARGE PUMP
CRYSTAL
REF/COMP
ADDRESS
SDA
SCL
PORT P3
PORT P2
DRIVE
Vee
RF INPUT
RF INPUT
Vcc
ADC
PORT P0
PORT P1
2
3
4
5
6
7
89
10
11
12
13
14
15
APPLICATIONS
s
Complete 2.7GHz single chip system
s
Optimised for low phase noise
SP5669
2.7GHz I2C Bus Controlled Synthesiser
Preliminary Information
DS4852 - 1.4 November 1997


Similar Part No. - SP5669_97

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5669KG MITEL-SP5669KG Datasheet
237Kb / 15P
2.7GHz I2C Bus Controlled Synthesiser
SP5669KGMP1S MITEL-SP5669KGMP1S Datasheet
237Kb / 15P
2.7GHz I2C Bus Controlled Synthesiser
SP5669KGMP1T MITEL-SP5669KGMP1T Datasheet
237Kb / 15P
2.7GHz I2C Bus Controlled Synthesiser
More results

Similar Description - SP5669_97

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5055 MITEL-SP5055 Datasheet
197Kb / 9P
2.6GHz Bidirectional I2C BUS Controlled Synthesiser
SP5510 MITEL-SP5510 Datasheet
268Kb / 10P
1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5512 MITEL-SP5512 Datasheet
241Kb / 10P
1.3GHz Bidirectional I2C BUS Controlled Synthesiser
SP5611 MITEL-SP5611 Datasheet
222Kb / 12P
1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
SP5655 MITEL-SP5655 Datasheet
220Kb / 12P
2쨌7GHz Bidirectional I2C Bus Controlled Synthesiser
SP5658 MITEL-SP5658 Datasheet
281Kb / 14P
2.7GHz 3-Wire Bus Controlled Frequency Synthesiser
SP5668 MITEL-SP5668 Datasheet
163Kb / 12P
2.7GHz 3-Wire Bus Controlled Synthesiser
SP5669 MITEL-SP5669 Datasheet
237Kb / 15P
2.7GHz I2C Bus Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5524 ZARLINK-SP5524 Datasheet
286Kb / 10P
Bidirectional I2C Bus Controlled Synthesiser
SP5654 ZARLINK-SP5654 Datasheet
339Kb / 15P
2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com