Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2755000000 Datasheet(PDF) 4 Page - Weidmuller

Part # 2755000000
Description  BLF 3.50/04/180 SN BK BX PRT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

2755000000 Datasheet(HTML) 4 Page - Weidmuller

  2755000000 Datasheet HTML 1Page - Weidmuller 2755000000 Datasheet HTML 2Page - Weidmuller 2755000000 Datasheet HTML 3Page - Weidmuller 2755000000 Datasheet HTML 4Page - Weidmuller 2755000000 Datasheet HTML 5Page - Weidmuller 2755000000 Datasheet HTML 6Page - Weidmuller 2755000000 Datasheet HTML 7Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Data sheet
BLF 3.50/04/180 SN BK BX PRT
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
Rated data acc. to CSA
 
Rated voltage (Use group B / CSA)
300 V
Rated voltage (Use group C / CSA)
50 V
Rated voltage (Use group D / CSA)
300 V
Rated current (Use group B / CSA)
10 A
Rated current (Use group D / CSA)
10 A
Wire cross-section, AWG, min.
AWG 16
Wire cross-section, AWG, max.
AWG 26
 
Rated data acc. to UL 1059
 
Rated voltage (Use group B / UL 1059) 300 V
Rated voltage (Use group C / UL 1059) 50 V
Rated voltage (Use group D / UL 1059) 300 V
Rated current (Use group B / UL 1059) 10 A
Rated current (Use group D / UL 1059) 10 A
Wire cross-section, AWG, min.
AWG 26
Wire cross-section, AWG, max.
AWG 16
 
Packing
 
Packaging
Box
VPE length
348.00 mm
VPE width
139.00 mm
VPE height
31.00 mm
 
Type tests
 
Visual and dimensional test
Standard
IEC 60512-1-1:2002-02
Test
dimensional inspection
Evaluation
passed
Standard
IEC 60512-1-2:2002-02
Test
weight check
Evaluation
passed
Standard
IEC 61984:2001-10 section 6.2
Test
visual examination
Evaluation
passed
Test: Durability of markings
Standard
IEC 60068-2-70:1995-12 test Xb
Test
mark of origin, type identification, pitch, type
of material, date clock, approval marking UL,
approval marking CSA, durability
Evaluation
available
Test: Misengagement (Non-
interchangeability)
Standard
IEC 60512-13-5:2006-02
Test
intentional plugging
Evaluation
passed
Test
180° turned without coding elements
Evaluation
passed
Test
180° turned with coding elements
Evaluation
passed
Test
visual examination
Evaluation
passed
Test: Clampable cross section
Standard
IEC 60999-1:1999-11 section 9.1, IEC
60947-1:2011-03 section 8.2.4.5.1
Conductor type
Type of conductor
and conductor cross-
section
solid 0.14 mm²
Type of conductor
and conductor cross-
section
stranded 0.14 mm²
Type of conductor
and conductor cross-
section
solid 1.5 mm²
Type of conductor
and conductor cross-
section
stranded 1.5 mm²
 
Creation date 01.03.2026 02:11:56 MEZ
 
Catalogue status / Drawings
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com