Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLCM32 Datasheet(PDF) 2 Page - Pro-Power

Part # MLCM32
Description  Cable Gland and Locknut
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

MLCM32 Datasheet(HTML) 2 Page - Pro-Power

  MLCM32 Datasheet HTML 1Page - Pro-Power MLCM32 Datasheet HTML 2Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cable Gland and Locknut
Page <2>
09/06/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Part Number Table
Description
Part Number
Gland, Nickel, M12, 3 - 6.5 mm, PK50
MLCM12
Gland, Nickel, M16, 4.5 - 10 mm, PK50
MLCM16
Gland, Nickel, M20, 6 - 12 mm, PK50
MLCM20
Gland, Nickel, M25, 9 - 17 mm, PK25
MLCM25
Gland, Nickel, M32, 11 - 21 mm, PK25
MLCM32
Gland, Nickel, M40, 19 - 28 mm, PK10
MLCM40
Gland, Nickel, M50, 27 - 35 mm, PK5
MLCM50
Gland, Nickel, M63, 34 - 48 mm, PK5
MLCM63
Locknut, Nickel, M12, PK50
1162120050
Locknut, Nickel, M16, PK50
1162160050
Locknut, Nickel, M20, PK50
1162200050
Locknut, Nickel, M25, PK25
1162250050
Locknut, Nickel, M32, PK25
1162320050
Locknut, Nickel, M40, PK10
1162400050
Locknut, Nickel, M50, PK5
1162500050
Locknut, Nickel, M63, PK5
1162630050
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com