Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48E10 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT48E10
Description  I/O Type 8-Bit MTP MCU With EEPROM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48E10 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT48E10 Datasheet HTML 17Page - Holtek Semiconductor Inc HT48E10 Datasheet HTML 18Page - Holtek Semiconductor Inc HT48E10 Datasheet HTML 19Page - Holtek Semiconductor Inc HT48E10 Datasheet HTML 20Page - Holtek Semiconductor Inc HT48E10 Datasheet HTML 21Page - Holtek Semiconductor Inc HT48E10 Datasheet HTML 22Page - Holtek Semiconductor Inc HT48E10 Datasheet HTML 23Page - Holtek Semiconductor Inc HT48E10 Datasheet HTML 24Page - Holtek Semiconductor Inc HT48E10 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Application Circuits
HT48E10
Rev. 1.50
21
October 31, 2006
P B 0 / B Z
P B 1 / B Z
P A 0 ~ P A 7
P C 0 / I N T
P C 1 / T M R
P B 2 ~ P B 7
P C 2
H T 4 8 E 1 0
O S C 1
O S C 2
O S C
C i r c u i t
S e e R i g h t S i d e
R E S
0 . 1 m F *
1 0 0 k W
V D D
V S S
0 . 1 m F
V D D
0 . 0 1 m F *
1 0 k W
O S C C i r c u i t
O S C 1
O S C 2
C r y s t a l S y s t e m O s c i l l a t o r
F o r t h e v a l u e s ,
s e e t a b l e b e l o w
R C S y s t e m O s c i l l a t o r
2 4 k W < R O S C < 1 M W
R 1
C 1
C 2
V D D
R O S C
O S C 1
O S C 2
4 7 0 p F
N M O S o p e n d r a i n
Options
The following table shows all kinds of options in the microcontroller. All of the options must be defined to ensure having
a properly functioning system.
Items
Options
1
WDT clock source: WDTOSC or fSYS/4 or disable
2
CLRWDT instruction: one or two instruction(s)
3
Timer/event counter clock source: fSYS
4
PA wake-up
5
PA CMOS/Schmitt input
6
PA pull-high enable or disable
7
PB pull-high enable or disable
8
PC pull-high enable or disable
9
BZ/BZ enable or disable
10
LVR function: enable or disable
11
System oscillator: RC or crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com