Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM2912 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM2912
Description  AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM2912 Datasheet(HTML) 1 Page - Texas Instruments

  PCM2912 Datasheet HTML 1Page - Texas Instruments PCM2912 Datasheet HTML 2Page - Texas Instruments PCM2912 Datasheet HTML 3Page - Texas Instruments PCM2912 Datasheet HTML 4Page - Texas Instruments PCM2912 Datasheet HTML 5Page - Texas Instruments PCM2912 Datasheet HTML 6Page - Texas Instruments PCM2912 Datasheet HTML 7Page - Texas Instruments PCM2912 Datasheet HTML 8Page - Texas Instruments PCM2912 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
BurrBrown Products
from Texas Instruments
1
FEATURES
APPLICATIONS
DESCRIPTION
PCM2912
SLES216 – FEBRUARY 2008
AUDIO CODEC WITH USB INTERFACE,
MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
23
• On-Chip USB Interface:
–
Oversampling Digital Filter
–
With Full-Speed Transceivers
–
Pass-Band Ripple: ±0.1 dB
–
Fully Compliant with USB 2.0 Specification
–
Stop-Band Attenuation: –43 dB
–
Certified By USB-IF
–
Single-Ended Voltage Output
–
Partially Programmable Descriptors
–
Analog LPF Included
–
Adaptive Isochronous Transfer for
–
Sidetone PGA, Output PGA, and HP
Playback
Amplifier
–
Asynchronous Isochronous Transfer for
• Multifunctions:
Record
–
Suspend, Playback, and Record Status Flag
–
Bus Powered
–
Microphone Amplifier, Mute, and Gain
• 16-Bit Delta-Sigma ADC and DAC
Control
• Sampling Rate:
• Pop/Click Noise Free
–
8, 11.025, 16, 22.05, 32, 44.1, 48 kHz
• Single Power Supply: 5 V Typ (V
BUS)
• On-Chip Clock Generator:
• Package: 32-Pin TQFP
–
With Single 6-MHz Clock Source
• Mono ADC with Microphone Input
• USB Headset
–
Analog Performance at VBUS = 5 V:
• USB Headphone
–
THD+N: 0.01%
• USB Speaker
–
SNR: 92 dB
• USB Featured Consumer Audio Product
–
Dynamic Range: 90 dB
• USB Audio Interface Box
–
Decimation Digital Filter
• USB Monitor
–
Pass-Band Ripple: ±0.05 dB
• Video Conference System
–
Stop-Band Attenuation: –65 dB
–
Single-Ended Voltage Input
–
Antialiasing Filter Included
The PCM2912 is the Texas Instruments single-chip,
USB stereo audio CODEC with USB 2.0-compliant
–
Digital HPF Included
full-speed protocol controller and analog front end
–
Microphone Bias, Microphone Amplifier,
(AFE) function for headset application. The USB
and Input PGA
protocol controller works with no software code, but
• Stereo DAC With Headphone Output
USB descriptors can be modified on request(1). The
PCM2912 employs SpAct™ architecture, TI’s unique
–
Analog Performance at VBUS = 5.0 V:
system that recovers the audio clock from USB
–
THD+N: 0.01% (RL > 10 kΩ)
packet data. On chip analog PLLs with SpAct enables
–
THD+N: 0.02% (RL = 32 Ω)
independent playback and record sampling rate with
low clock jitters.
–
SNR: 92 dB
–
Dynamic Range: 90 dB
–
PO: 13 mW (RL = 32 Ω)
–
PO: 25 mW (RL = 16 Ω)
(1)
The descriptor can be modified by changing a mask; contact
your representative about the details.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SpAct is a trademark of Texas Instruments.
3
Audio Precision, System Two are trademarks of Audio Precision, Inc..
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM2912

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2912 TI-PCM2912 Datasheet
712Kb / 32P
AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PCM2912 TI2-PCM2912 Datasheet
874Kb / 35P
AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
FEBRUARY 2008
PCM2912A TI1-PCM2912A Datasheet
839Kb / 32P
AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PCM2912A TI2-PCM2912A Datasheet
880Kb / 37P
PCM2912A Audio Codec With USB Interface, Mono Microphone Input and Stereo Headphone Output
REVISED AUGUST 2015
PCM2912A TI2-PCM2912A Datasheet
880Kb / 37P
PCM2912A Audio Codec With USB Interface, Mono Microphone Input and Stereo Headphone Output
REVISED AUGUST 2015
More results

Similar Description - PCM2912

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM2900 TI-PCM2900 Datasheet
329Kb / 32P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Burr-Brown (TI)
PCM2906 BURR-BROWN-PCM2906 Datasheet
299Kb / 32P
STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENEDE ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2906C TI1-PCM2906C Datasheet
631Kb / 30P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2912A TI1-PCM2912A Datasheet
839Kb / 32P
AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2912PJT TI-PCM2912PJT Datasheet
712Kb / 32P
AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PCM2903C TI1-PCM2903C_14 Datasheet
393Kb / 30P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2900 TI1-PCM2900_17 Datasheet
595Kb / 37P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com