Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC574 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74LVC574
Description  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC574 Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC574 Datasheet HTML 1Page - Texas Instruments SN74LVC574 Datasheet HTML 2Page - Texas Instruments SN74LVC574 Datasheet HTML 3Page - Texas Instruments SN74LVC574 Datasheet HTML 4Page - Texas Instruments SN74LVC574 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SN74LVC574
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP
WITH 3-STATE OUTPUTS
SCAS301 – JANUARY 1993 – REVISED MARCH 1994
7–3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
V
†
TA = – 40°C to 85°C
UNIT
PARAMETER
TEST CONDITIONS
VCC†
MIN
MAX
UNIT
IOH = – 100 µA
MIN to MAX
VCC – 0.2
VOH
IOH =12 mA
2.7 V
2.2
V
VOH
IOH = – 12 mA
3 V
2.4
V
IOH = – 24 mA
3 V
2
IOL = 100 µA
MIN to MAX
0.2
VOL
IOL = 12 mA
2.7 V
0.4
V
IOL = 24 mA
3 V
0.55
II
VI = VCC or GND
3.6 V
±5
µA
IOZ
VO = VCC or GND
3.6 V
±10
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
20
µA
nICC
VCC = 3 V to 3.6 V,
One input at VCC – 0.6 V,
Other inputs at VCC or GND
500
µA
Ci
VI = VCC or GND
3.3 V
pF
Co
VO = VCC or GND
3.3 V
pF
† For conditions shown as MIN or MAX, use the appropriate values under recommended operating conditions.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com