Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITEU09 Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST7LITEU09
Description  8-bit MCU with single voltage Flash memory, ADC, timers
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEU09 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST7LITEU09 Datasheet HTML 23Page - STMicroelectronics ST7LITEU09 Datasheet HTML 24Page - STMicroelectronics ST7LITEU09 Datasheet HTML 25Page - STMicroelectronics ST7LITEU09 Datasheet HTML 26Page - STMicroelectronics ST7LITEU09 Datasheet HTML 27Page - STMicroelectronics ST7LITEU09 Datasheet HTML 28Page - STMicroelectronics ST7LITEU09 Datasheet HTML 29Page - STMicroelectronics ST7LITEU09 Datasheet HTML 30Page - STMicroelectronics ST7LITEU09 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 115 page
background image
ST7LITEU05 ST7LITEU09
27/115
7.3 RESET SEQUENCE MANAGER (RSM)
7.3.1 Introduction
The reset sequence manager includes three RE-
SET sources as shown in Figure 16:
External RESET source pulse
Internal LVD RESET (Low Voltage Detection)
Internal WATCHDOG RESET
Note: A reset can also be triggered following the
detection of an illegal opcode or prebyte code. Re-
fer to Figure 16.
These sources act on the RESET pin and it is al-
ways kept low during the delay phase.
The RESET service routine vector is fixed at ad-
dresses FFFEh-FFFFh in the ST7 memory map.
The basic RESET sequence consists of 3 phases
as shown in Figure 15:
Active Phase depending on the RESET source
256 or 512 CPU clock cycle delay (see table
below)
RESET vector fetch
Caution: When the ST7 is unprogrammed or fully
erased, the Flash is blank and the RESET vector
is not programmed. For this reason, it is recom-
mended to keep the RESET pin in low state until
programming mode is entered, in order to avoid
unwanted behavior.
The 256 or 512 CPU clock cycle delay allows the
oscillator to stabilise and ensures that recovery
has taken place from the Reset state. The shorter
or longer clock cycle delay is automatically select-
ed depending on the clock source chosen by op-
tion byte after a reset or depending on the clock
source selected before entering Halt mode or
AWU from Halt mode:
Table 8. CPU clock cycle delay
The RESET vector fetch phase duration is 2 clock
cycles.
Figure 15. RESET Sequence Phases
Clock source
CPU clock
cycle delay
Internal RC oscillator
512
External clock (connected to CLKIN pin)
AWURC
256
RESET
Active Phase
INTERNAL RESET
256 OR 512 CLOCK CYCLES
FETCH
VECTOR
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com